Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9701B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9701B
Description  100m廓 Power Distribution Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9701B_11 Datasheet HTML 1Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 2Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 3Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 4Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 5Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 6Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 7Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 8Page - Richtek Technology Corporation RT9701B_11 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9701B
3
DS9701B-06 April 2011
www.richtek.com
Electrical Characteristics
Absolute Maximum Ratings
(Note 1)
Supply Voltage ------------------------------------------------------------------------------------------------------------- 7V
Chip Enable -----------------------------------------------------------------------------------------------------------------
0.3V to 7V
Power Dissipation, PD @ TA = 25°C
SOT-23-5 -------------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 3)
SOT-23-5,
θJA --------------------------------------------------------------------------------------------------------------- 250°C /W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Operating Junction Temperature Range ------------------------------------------------------------------------------
20°C to 100°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 8kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 700V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
3.5
--
6
V
RT9701BCBL
IL = 1A
--
85
100
Output NMOSFET RDS(ON)
RT9701BCB
RDS(ON)
IL = 1A
--
87
100
m
Ω
Quiescent Current
VIN = 5V
--
23
45
μA
Output Turn-On Rising Time
TR
RL = 10Ω, 90% Settling
--
400
--
μs
Current Limit Threshold
ILIM
RL = 2Ω
1.1
1.5
2
A
Short-circuit Fold Back Current
IOS
VOUT = 0V, measured
prior to thermal shutdown
--
1.0
--
A
EN Input High Threshold
RT9701BCB
2.0
--
--
V
EN Input Low Threshold
RT9701BCB
--
--
0.8
V
Shutdown Supply Current
RT9701BCB
IOFF
EN = “0”
--
0.1
1
μA
Output Leakage Current
RT9701BCB
ILEAKAGE EN = “0”, VOUT = 0V
--
0.5
10
μA
VIN Under Voltage Lockout
UVLO
2.8
3
--
V
VIN Under Voltage Hysteresis
--
100
--
mV
Thermal Limit
TSD
--
130
--
°C
Thermal Limit Hysteresis
ΔTSD
--
20
--
°C
(VIN = 5V, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified)
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution is recommended.
Note 3.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.


Similar Part No. - RT9701B_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701BGB RICHTEK-RT9701BGB Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BGBL RICHTEK-RT9701BGBL Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BPB RICHTEK-RT9701BPB Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BPBL RICHTEK-RT9701BPBL Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
More results

Similar Description - RT9701B_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
   100m廓 Power Distribution Switches
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
   100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_11 Datasheet
207Kb / 6P
   100m廓 POWER DISTRIBUTION SWITCHES
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
   POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
   100m POWER DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
   100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_18 Datasheet
208Kb / 5P
   100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9708 HMSEMI-HM9708 Datasheet
525Kb / 9P
   200m廓 Power Distribution Switches
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
   150m廓 Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com