Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX2NA-A106P26MS-34B-01 Datasheet(PDF) 2 Page - ITT Industries

Part # DPX2NA-A106P26MS-34B-01
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPX2NA-A106P26MS-34B-01 Datasheet(HTML) 2 Page - ITT Industries

  DPX2NA-A106P26MS-34B-01 Datasheet HTML 1Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 2Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 3Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 4Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 5Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 6Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 7Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 8Page - ITT Industries DPX2NA-A106P26MS-34B-01 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
2
www.ittcannon.com
Cannon Rack and Panel
2
www.ittcannon.com
ITT Electronic Components is a division of the multi-
national ITT Corporation a $7.5 billion dollar global
enterprise. Our connector portfolio remains the most
extensive in the industry offering the most reliable and
cost effective range of interconnect solutions. These
innovations have enabled ITT to provide products and
technologies to such markets as:
• Aerospace
• Computers Systems
• Defense Electronics
• Geophysical
• Industrial Automation
• Medical Electronics
When you specify a Cannon Rack and Panel connector,
you can rely on a product designed, developed, and
manufactured to the highest quality and reliability
standards in the industry. This tradition of excellence is
based on ITT’s corporate culture of operating its entire
business under the principles of Six Sigma. At ITT, Six
Sigma is not just a quality philosophy but a complete
corporate culture that drives the entire business. Our
Value Based Management and Value Based Product
Development systems are two cornerstones of ITT that
allows for the development of both leadership and
product development principles, ensuring that the cor-
rect industry leading products are developed to the
accepted market driven lead times. These principles
have allowed ITT to become the market leader in all of
our business portfolios.
Six Sigma Manufacturing
ITT operates manufacturing facilities in the United
States, France, Germany, Italy, Mexico, China, and the
UK, all of which have particular product area strengths
allowing ITT to offer a truly global footprint to our
customers. Our facilities are world class and
accommodate full vertical integration with the latest
manufacturing technologies including: automated and
robotic machining centers, Super Market manufacturing
cells, Kanban pull systems, and automated electrical,
mechanical, and optical test and inspection equipment.
The combination of our manufacturing strength and our
advanced manufacturing facilities allows ITT to offer
products at market driven prices. Our capabilities,
especially in robotics, computerized precision tooling,
Kaizen Project Management, Six Sigma tools, and test
labs, gives ITT the most optimized global
manufacturing footprint in the interconnect industry.
The Custom Difference
As the industry leader in harsh environment intercon-
nect applications, ITT’s world class engineering teams
will work directly with our customers to design and
develop cost effective solutions for their applications .
In many cases we may modify one of our standard
designs to ensure a highly reliable solution where
timing is critical. Yet, in those cases where a complete
custom interconnect solution is required, ITT will work
with our customer’s Engineers to design an intercon-
nect solution which will be cost effective yet highly
reliable. As professional consultants, our Engineering
teams will provide a thorough systems and mechanical
analysis of any proposed solution. These analyses
provide our customers with sophisticated electrical
signal and mechanical characterizations to determine
the best solution for their application.
RoHS Compliance Information
ITT has implemented a strict parts control plan for all
ITT electronics plants worldwide that allows the Rack
and Panel connector product portfolio to meet the
requirements of European Union Directive 2002/95/EC
better know as the Reduction of Hazardous
Substances initiative. To make things easier for our
customers, Rack and Panel products can be ordered
with an R prefix number which insures our
customers will receive RoHS compliant parts for their
commercial electronics applications and equipment.
Since most RoHS hazardous substances center around
specific metal plating and lead solder coatings, ITT's
products for RoHS compliance are available in the
following plating finishes: electroless nickel, stainless
steel, Anodize over aluminum and Gold plating. It
should be noted that gold plating would be
recommended as the replacement for tin-lead solder
when ordering board mount connectors.


Similar Part No. - DPX2NA-A106P26MS-34B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPX2NA-67MPAW8P33A-00 ITT-DPX2NA-67MPAW8P33A-00 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-01 ITT-DPX2NA-67MPAW8P33A-01 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-02 ITT-DPX2NA-67MPAW8P33A-02 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-03 ITT-DPX2NA-67MPAW8P33A-03 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MPAW8P33A-17 ITT-DPX2NA-67MPAW8P33A-17 Datasheet
492Kb / 16P
   Rack and Panel Connectors
More results

Similar Description - DPX2NA-A106P26MS-34B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com