Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9629B Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9629B
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629B Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9629B Datasheet HTML 1Page - Richtek Technology Corporation RT9629B Datasheet HTML 2Page - Richtek Technology Corporation RT9629B Datasheet HTML 3Page - Richtek Technology Corporation RT9629B Datasheet HTML 4Page - Richtek Technology Corporation RT9629B Datasheet HTML 5Page - Richtek Technology Corporation RT9629B Datasheet HTML 6Page - Richtek Technology Corporation RT9629B Datasheet HTML 7Page - Richtek Technology Corporation RT9629B Datasheet HTML 8Page - Richtek Technology Corporation RT9629B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9629B
5
DS9629B-03 October 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Voltage
VCC
4.5
--
13.2
V
Power Supply Current
IVCC
VBOOTx = 12V, PWMx Floating
--
250
--
μA
Power On Reset (POR)
POR Rising Threshold
VPOR_r
VCCx Rising
--
4
4.4
V
POR Falling Threshold
VPOR_f
VCCx Falling
3
3.5
--
V
POR Pin High Voltage
VPOR_H
--
3.5
4
V
POR Pin Low Voltage
VPOR_L
--
--
0.5
V
(VCCx = 12V, TA = 25
°C unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC1, VCC2 ---------------------------------------------------------------------
−0.3V to 15V
BOOTx to PHASEx ----------------------------------------------------------------------------------
−0.3V to 15V
PHASEx to GND
DC --------------------------------------------------------------------------------------------------------
−0.3V to 30V
< 20ns ---------------------------------------------------------------------------------------------------
−10V to 35V
LGATEx to GND
DC --------------------------------------------------------------------------------------------------------
−0.3V to (VCC + 0.3V)
< 20ns ---------------------------------------------------------------------------------------------------
−2V to (VCC + 0.3V)
UGATEx to GND
DC -------------------------------------------------------------------------------------------------------- (VPHASE
− 0.3V) to (VBOOT + 0.3V)
< 20ns --------------------------------------------------------------------------------------------------- (VPHASE
− 2V) to (VBOOT + 0.3V)
PWMx to GND ----------------------------------------------------------------------------------------
−0.3V to 7V
POR to GND -------------------------------------------------------------------------------------------
−0.3V to 5V
Power Dissipation, PD @ TA = 25
°C
WQFN-24L 5x5 --------------------------------------------------------------------------------------- 2.778W
Package Thermal Resistance (Note 2)
WQFN-24L 5x5,
θJA ---------------------------------------------------------------------------------- 36°C/W
WQFN-24L 5x5,
θJC --------------------------------------------------------------------------------- 6°C/W
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------- 260
°C
Junction Temperature -------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -----------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC1, VCC2 --------------------------------------------------------------------- 4.5V to 13.2V
Junction Temperature Range -----------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -----------------------------------------------------------------------
−40°C to 85°C


Similar Part No. - RT9629B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9629B RICHTEK-RT9629B Datasheet
182Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629BZQW RICHTEK-RT9629BZQW Datasheet
182Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9629B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9629A RICHTEK-RT9629A_15 Datasheet
191Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605A RICHTEK-RT9605A Datasheet
260Kb / 12P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B_14 Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9629A RICHTEK-RT9629A Datasheet
234Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
   High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
   Synchronous Rectified Buck MOSFET Driver
Jul.11.19
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com