Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9629A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9629A
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9629A Datasheet HTML 2Page - Richtek Technology Corporation RT9629A Datasheet HTML 3Page - Richtek Technology Corporation RT9629A Datasheet HTML 4Page - Richtek Technology Corporation RT9629A Datasheet HTML 5Page - Richtek Technology Corporation RT9629A Datasheet HTML 6Page - Richtek Technology Corporation RT9629A Datasheet HTML 7Page - Richtek Technology Corporation RT9629A Datasheet HTML 8Page - Richtek Technology Corporation RT9629A Datasheet HTML 9Page - Richtek Technology Corporation RT9629A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9629A
6
DS9629A-03
October 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
EN Input
ENx Rising Threshold
VENH
--
1.3
1.6
V
ENx Falling Threshold
VENL
0.7
1
--
V
PWM Input
Maximum Input Current
IPWM
VPWMx = 0V or 5V
--
160
--
μA
PWMx Floating Voltage
VPWM_fl
PWMx = Open
--
1.8
--
V
PWMx Rising Threshold
VPWM_rth
2.3
2.8
3.2
V
PWMx Falling Threshold VPWM_fth
0.7
1.1
1.4
V
Timing
UGATEx Rising Time
tUGATEr
3nF load
--
25
--
ns
UGATEx Falling Time
tUGATEf
3nF load
--
12
--
ns
LGATEx Rising Time
tLGATEr
3nF load
--
24
--
ns
LGATEx Falling Time
tLGATEf
3nF load
--
10
--
ns
tUGATEpgh
--
30
--
tUGATEpdl
VBOOTx − VPHASEx = 12V
See Timing Diagram
--
22
--
ns
tLGATEpdh
--
30
--
Propagation Delay
tLGATEpdl
See Timing Diagram
--
8
--
ns
Output
UGATEx Drive Source
RUGATEsr
VBOOT − VPHASE = 12V, ISource = 100mA
--
1.7
--
Ω
UGATEx Drive Sink
RUGATEsk
VBOOT − VPHASE = 12V, ISink = 100mA
--
1.4
--
Ω
LGATEx Drive Source
RLGATEsr
ISource = 100mA
--
1.6
--
Ω
LGATEx Drive Sink
RLGATEsk
ISink = 100mA
--
1.1
--
Ω


Similar Part No. - RT9629A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9629A RICHTEK-RT9629A Datasheet
191Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629AZQW RICHTEK-RT9629AZQW Datasheet
191Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629A RICHTEK-RT9629A_15 Datasheet
191Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9629A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9629A RICHTEK-RT9629A_15 Datasheet
191Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605A RICHTEK-RT9605A Datasheet
260Kb / 12P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B_14 Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B Datasheet
220Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
   High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
   Synchronous Rectified Buck MOSFET Driver
Jul.11.19
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com