Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9625B Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9625B
Description  Dual-Channel Synchronous Rectified MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9625B Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9625B Datasheet HTML 3Page - Richtek Technology Corporation RT9625B Datasheet HTML 4Page - Richtek Technology Corporation RT9625B Datasheet HTML 5Page - Richtek Technology Corporation RT9625B Datasheet HTML 6Page - Richtek Technology Corporation RT9625B Datasheet HTML 7Page - Richtek Technology Corporation RT9625B Datasheet HTML 8Page - Richtek Technology Corporation RT9625B Datasheet HTML 9Page - Richtek Technology Corporation RT9625B Datasheet HTML 10Page - Richtek Technology Corporation RT9625B Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9625B
7
DS9625B-02
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Timing Diagram
PWMx
UGATEx
LGATEx
tUGATEpdh
tLGATEpdl
tUGATEpdl
tLGATEpdh
90%
90%
1.5V
1.5V
1.5V
1.5V
VCC2
PWM1
GND
BOOT1
UGATE1
PHASE1
LGATE1
RT9625B
Q1
12V
PWM1
VOUT
Q2
C1
C3
C4
R1
R2
R3
R4
R5
L1
2.2
1µF
1
1µF
2.2
0
2.2
3.3nF
PWM2
PWM2
BOOT2
Q3
Q4
C6
C7
R6
R7
R8
R9
L2
1
1µF
2.2
0
2.2
3.3nF
VIN
UGATE2
PHASE2
LGATE2
12
6
3
2, 13, 17 (Exposed Pad)
8
9
10
11
1
16
14
15
POR
7
12V
VIN
C2
270µF x 2
C5
820µF x 3


Similar Part No. - RT9625B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9625B RICHTEK-RT9625B Datasheet
166Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625BZQW RICHTEK-RT9625BZQW Datasheet
166Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625B RICHTEK-RT9625B_15 Datasheet
166Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
More results

Similar Description - RT9625B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9625B RICHTEK-RT9625B_15 Datasheet
166Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625A RICHTEK-RT9625A_15 Datasheet
175Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625A RICHTEK-RT9625A Datasheet
212Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com