Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I5216 Datasheet(PDF) 82 Page - Winbond

Part # I5216
Description  8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

I5216 Datasheet(HTML) 82 Page - Winbond

Back Button I5216 Datasheet HTML 75Page - Winbond I5216 Datasheet HTML 76Page - Winbond I5216 Datasheet HTML 77Page - Winbond I5216 Datasheet HTML 78Page - Winbond I5216 Datasheet HTML 79Page - Winbond I5216 Datasheet HTML 80Page - Winbond I5216 Datasheet HTML 81Page - Winbond I5216 Datasheet HTML 82Page - Winbond I5216 Datasheet HTML 83Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 82 / 83 page
background image
I5216 SERIES
Advanced Information
PRELIMINARY
Publication Release Date: November 30, 2001
- 82
Revision A1
ORDERING INFORMATION
WINBOND PART NUMBER DESCRIPTION
Special Temperature Field:
Blank
=
Commercial Packaged (0°C to +70°C)
or
Commercial Die (0°C to +50°C)
D
=
Extended (–20°C to +70°C)
I
=
Industrial (–40°C to +85°C)
Package Type:
E
=
28-Lead 8x13.4mm Plastic Thin Small Outline Package (TSOP) Type 1
S
=
28-Lead 0.300-Inch Plastic Small Outline Package (SOIC)
P
=
28-Lead 0.600-Inch Plastic Dual Inline Package (PDIP)
X
=
Die
Product Family
I5216 Product
(8- to 16-minute durations)
I5216-_ _


Similar Part No. - I5216

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5216EYI NUVOTON-I5216EYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
I5216PYI NUVOTON-I5216PYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
I5216SYI NUVOTON-I5216SYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
More results

Similar Description - I5216

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5216 WINBOND-ISD5216 Datasheet
592Kb / 75P
   8 to 16 minutes voice record/playback device with integrated codec
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com