Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I5216 Datasheet(PDF) 55 Page - Winbond

Part # I5216
Description  8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

I5216 Datasheet(HTML) 55 Page - Winbond

Back Button I5216 Datasheet HTML 51Page - Winbond I5216 Datasheet HTML 52Page - Winbond I5216 Datasheet HTML 53Page - Winbond I5216 Datasheet HTML 54Page - Winbond I5216 Datasheet HTML 55Page - Winbond I5216 Datasheet HTML 56Page - Winbond I5216 Datasheet HTML 57Page - Winbond I5216 Datasheet HTML 58Page - Winbond I5216 Datasheet HTML 59Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
I5216 SERIES
Advanced Information
PRELIMINARY
Publication Release Date: November 30, 2001
- 55
Revision A1
TIMING PARAMETERS
Symbol
Parameters
Min
(2)
Typ
(1)
Max
(2)
Units
Conditions
FS
Sampling Frequency
8.0
6.4
5.3
4.0
kHz
kHz
kHz
kHz
(5)
(5)
(5)
(5)
FCF
Filter Knee
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
3.7
2.9
2.5
1.8
kHz
kHz
kHz
kHz
Knee Point
(3)(7)
Knee Point
(3)(7)
Knee Point
(3)(7)
Knee Point
(3)(7)
TREC
Record Duration
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
8.05
10.06
12.15
16.1
min
min
min
min
(6)
(6)
(6)
(6)
TPLAY
Playback Duration
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
8.05
10.06
12.15
16.1
min
min
min
min
(6)
(6)
(6)
(6)
TPUD
Power-Up Delay
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
1
1
1
1
msec
msec
msec
msec
TSTOP OR PAUSE Stop or Pause
Record or Play
8.0 kHz (sample rate)
6.4 kHz (sample rate)
5.3 kHz (sample rate)
4.0 kHz (sample rate)
32
40
48
64
msec
msec
msec
msec


Similar Part No. - I5216

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5216EYI NUVOTON-I5216EYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
I5216PYI NUVOTON-I5216PYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
I5216SYI NUVOTON-I5216SYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
More results

Similar Description - I5216

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5216 WINBOND-ISD5216 Datasheet
592Kb / 75P
   8 to 16 minutes voice record/playback device with integrated codec
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com