Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0258360000 Datasheet(PDF) 1 Page - Weidmuller

Part No. 0258360000
Description  Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0258360000 Datasheet(HTML) 1 Page - Weidmuller

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Protective covers |
HP retaining plates
- 1 -
General ordering data
Order No.
0258360000
Part designation
HP 8 ADP1 MLD BEIGE
Version
Modular terminal, accessories, end plate and
intermediate plate, beige, 2 mm
EAN
4008190114510
Qty.
20 pc(s).
Additional technical data
Installation advice
TS 15
UL 94 flammability rating of insulation material
V2
Dimensions
Width
2 mm
Length
45.5 mm
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000886
ETIM 3.0
EC000886
eClass 4.1
27-14-11-99
eClass 5.0
27-14-11-33
eClass 5.1
27-14-11-33
Similar products
Order No.
Part designation
Version
0485560000
HP 1 ADP1
Modular terminal, accessories, end plate and intermediate plate,
beige, 2 mm
0485660000
HP 2 ADP2
Modular terminal, accessories, end plate and intermediate plate,
beige, 3 mm
0485760000
HP 3 ADP3
Modular terminal, accessories, end plate and intermediate plate,
beige, 3 mm
0485860000
HP 4 ADP3
Modular terminal, accessories, end plate and intermediate plate,
beige, 3 mm
0258260000
HP 7 TSK 31.5 MLD BEIGE
Modular terminal, accessories, end plate and intermediate plate,
beige, 2 mm


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn