Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD342YT-3 Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD342YT-3
Description  2W High Power Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD342YT-3 Datasheet(HTML) 3 Page - Sony Corporation

  SLD342YT-3 Datasheet HTML 1Page - Sony Corporation SLD342YT-3 Datasheet HTML 2Page - Sony Corporation SLD342YT-3 Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
– 3 –
SLD342YT
Package Outline
Unit: mm
PACKAGE WEIGHT
SONY CODE
EIAJ CODE
JEDEC CODE
M-288
150g
4 –
φ4.04 – 0.03
+ 0.08
φ5.0
Window
Glass
38.60 ± 0.15
9 –
φ1.0
2.54
44.45 ± 0.50
LD Chip
31.75 ± 0.50
Reference
Plane
19.30 ± 0.15
26.4
M-288
Sony Corporation


Similar Part No. - SLD342YT-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD343YT SONY-SLD343YT Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-1 SONY-SLD343YT-1 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-2 SONY-SLD343YT-2 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-21 SONY-SLD343YT-21 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-24 SONY-SLD343YT-24 Datasheet
75Kb / 3P
   4W High Power Laser Diode
More results

Similar Description - SLD342YT-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
   2W High Power Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
   High-Power Density 2W Laser Diode
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com