Electronic Components Datasheet Search |
|
DPXBNA-32W4M-34S-01 Datasheet(PDF) 4 Page - ITT Industries |
|
DPXBNA-32W4M-34S-01 Datasheet(HTML) 4 Page - ITT Industries |
4 / 120 page ARINC 600 BKAD/E/F BKAD/E/F 4 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Low insertion force contacts. Both environmental and non- environmental versions. Polarizing posts that are removable from the mating face. Field replaceable inserts for size 22 and power contacts. Up to 800 size 22 contacts in one connector. Crimp, coax, power, printed circuit and wire wrappable post style contacts. Uses standard DPX crimp, insertion/extraction tooling. Waveguide connections available. BKAD/E BKAD/E connectors represent the standard for new avionic systems developed to support the air transportation market. Several important design concerns have been addressed and solved in this new series. High mating forces of pluggable modules in a rack have been reduced by approximately two-thirds. The low insertion force contacts are also inter- changeable with the contacts used in the DPX series and permit retrofit of existing equipment. BKAF This new connector is totally intermateable and intermountable with ARINC 600 connectors now in the field. The BKAF permits the user to easily replace a contact in case of problems, rather than disas- semble the entire connector--it is available with size 22 contacts in wrap post or solder-tail ver- sions. The system maintains the advantages of low insertion force technology incorporated in all ARINC 600 connectors. Rear Release/Rear Removable Size 12, 16, 20, 22 Crimp Contacts Front Release/Front Removable Size 22 Solder Tail and Wrap Post Contacts Pos-Aline Connector Construction Feature Material Specifications In the ARINC 600 connector series, Size 22 con- tacts are the only size that utilize this design feature. The hooded socket extends from its in- sulator while the pin contacts are shrouded by its front insulator. All other contacts used in this series employ stan- dard contact design. The result is that the complement of contacts for the plug connectors will consist of pin contacts for size 22 and socket contacts for all others. The receptacle contacts will be just the reverse, socket contact for size 22 and pin contacts for the balance. Shell & Waveguide BKAD BKAE BKAF Specifications Insulator Contacts Grommets/Seals O-Ring Finish Material Material Material Finish Termination Material Material 1200 Alodine Thermoset Aluminum alloy Copper alloy Gold over Nickel Crimp N/A N/A 1200 Alodine Thermoset Aluminum alloy Copper alloy Gold over Nickel Crimp Silicone-based Elastomer Silicone-based Elastomer 1200 Alodine Thermoset Aluminum alloy Copper alloy Gold over Nickel P.C./Wrap Post N/A N/A MIL-C-5541 N/A QQ A-591/A380 QQ-C-533 MIL-G-45204 N/A N/A N/A |
Similar Part No. - DPXBNA-32W4M-34S-01 |
|
Similar Description - DPXBNA-32W4M-34S-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |