Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9624C Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9624C
Description  Single Phase Synchronous Rectified Buck MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9624C Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9624C Datasheet HTML 5Page - Richtek Technology Corporation RT9624C Datasheet HTML 6Page - Richtek Technology Corporation RT9624C Datasheet HTML 7Page - Richtek Technology Corporation RT9624C Datasheet HTML 8Page - Richtek Technology Corporation RT9624C Datasheet HTML 9Page - Richtek Technology Corporation RT9624C Datasheet HTML 10Page - Richtek Technology Corporation RT9624C Datasheet HTML 11Page - Richtek Technology Corporation RT9624C Datasheet HTML 12Page - Richtek Technology Corporation RT9624C Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9624C
9
DS9624C-00
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9624C is a high frequency, synchronous rectified,
single phase dual MOSFET driver containing Richtek's
advanced MOSFET driver technologies. The RT9624C is
designed to be able to adapt from normal MOSFET driving
applications to high performance CPU VR driving
capabilities.
Supply Voltage and Power On Reset
The RT9624C can be utilized under both VCC = 5V or VCC
= 12V applications which may happen in different fields of
electronics application circuits. In terms of efficiency,
higher VCC equals higher driving voltage of UGATE/LGATE
which may result in higher switching loss and lower
conduction loss of power MOSFETs. The choice of VCC =
12V or VCC = 5V can be a tradeoff to optimize system
efficiency.
The RT9624C is designed to drive both high side and low
side N-MOSFET through external input PWM control
signal. It has power on protection function which held
UGATE and LGATE low before the VCC voltage rises to
higher than rising threshold voltage.
Enable and Disable
The RT9624C includes an EN pin for sequence control.
When the EN pin rises above the VENH trip point, the
RT9624C begins a new initialization and follows the PWM
command to control the UGATE and LGATE. When the
EN pin falls below the VENL trip point, the RT9624C shuts
down and keeps UGATE and LGATE low.
Tri-state PWM Input
After the initialization, the PWM signal takes the control.
The rising PWM signal first forces the LGATE signal to
turn low then UGATE signal is allowed to go high just
after a non-overlapping time to avoid shoot through current.
The falling of PWM signal first forces UGATE to go low.
When UGATE and PHASE signal reach a predetermined
low level, LGATE signal is allowed to turn high.
The PWM signal is acted as “ High” if the signal is above
the rising threshold and acted as “ Low” if the signal is
below the falling threshold. When PWM signal level enters
and remains within the shutdown window, the output drivers
are disabled and both MOSFET gates are pulled and held
low. If the PWM signal is left floating, the pin will be kept
around 1.8V by the internal divider and provide the PWM
controller with a recognizable level.
Internal Bootstrap Power Switch
The RT9624C builds in an internal bootstrap power switch
to replace external bootstrap diode, and this can facilitate
PCB design and reduce total BOM cost of the system.
Hence, no external bootstrap diode is required in real
applications.
Non-overlap Control
To prevent the overlap of the gate drivers during the UGATE
pull low and the LGATE pull high, the non-overlap circuit
monitors the voltages at the PHASE node and high side
gate drive (UGATE-PHASE). When the PWM input signal
goes low, UGATE begins to pull low (after propagation
delay). Before LGATE is pulled high, the non-overlap
protection circuit ensures that the monitored voltages have
gone below 1.1V. Once the monitored voltages fall below
1.1V, LGATE begins to turn high. By waiting for the
voltages of the PHASE pin and high side gate driver to fall
below 1.1V, the non-overlap protection circuit ensures that
UGATE is low before LGATE pulls high.
Also to prevent the overlap of the gate drivers during
LGATE pull low and UGATE pull high, the non-overlap
circuit monitors the LGATE voltage. When LGATE goes
below 1.1V, UGATE goes high after propagation delay.
Driving Power MOSFETs
The DC input impedance of the power MOSFET is
extremely high. When Vgs1 or Vgs2 is at 12V or 5V, the
gate draws the current only for few nano-amperes. Thus
once the gate has been driven up to “ ON” level, the
current could be negligible.
However, the capacitance at the gate to source terminal
should be considered. It requires relatively large currents
to drive the gate up and down 12V (or 5V) rapidly. It is
also required to switch drain current on and off with the
required speed. The required gate drive currents are
calculated as follows.


Similar Part No. - RT9624C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624C RICHTEK-RT9624C Datasheet
165Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624CGQWA RICHTEK-RT9624CGQWA Datasheet
165Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C_15 Datasheet
165Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - RT9624C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9624D RICHTEK-RT9624D Datasheet
186Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C_15 Datasheet
165Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D_15 Datasheet
153Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624E RICHTEK-RT9624E Datasheet
164Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9614A RICHTEK-RT9614A Datasheet
268Kb / 19P
   Single Phase Synchronous Rectified Buck MOSFET Driver
January 2019
RT9624G RICHTEK-RT9624G Datasheet
164Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B_15 Datasheet
186Kb / 16P
   Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624F RICHTEK-RT9624F Datasheet
155Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com