Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9607A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9607A
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607A Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9607A Datasheet HTML 3Page - Richtek Technology Corporation RT9607A Datasheet HTML 4Page - Richtek Technology Corporation RT9607A Datasheet HTML 5Page - Richtek Technology Corporation RT9607A Datasheet HTML 6Page - Richtek Technology Corporation RT9607A Datasheet HTML 7Page - Richtek Technology Corporation RT9607A Datasheet HTML 8Page - Richtek Technology Corporation RT9607A Datasheet HTML 9Page - Richtek Technology Corporation RT9607A Datasheet HTML 10Page - Richtek Technology Corporation RT9607A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9607/A
7
DS9607/A-07 April 2011
www.richtek.com
Typical Operating Characteristics
Dead Time at LGATE Falling
Time (50ns/Div)
No Load, PHASE2
PHASE
LGATE
UGATE
(5V/Div)
Dead Time at LGATE Rising
Time (25ns/Div)
PHASE
LGATE
UGATE
(5V/Div)
Full Load (60A), PHASE1
Dead Time at LGATE Rising
Time (25ns/Div)
PHASE
LGATE
UGATE
(5V/Div)
Full Load (60A), PHASE2
For RT9607
Dead Time at LGATE Falling
Time (50ns/Div)
No Load, PHASE1
PHASE
LGATE
UGATE
(5V/Div)
Dead Time at LGATE Falling
Time (25ns/Div)
Full Load (60A), PHASE1
PHASE
LGATE
UGATE
(5V/Div)
Dead Time at LGATE Falling
Time (25ns/Div)
PHASE
LGATE
UGATE
(5V/Div)
Full Load (60A), PHASE2


Similar Part No. - RT9607A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9600 ETC-RT9600 Datasheet
154Kb / 6P
   SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
RT9600CS ETC-RT9600CS Datasheet
154Kb / 6P
   SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
RT9602 RICHTEK-RT9602 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602CS RICHTEK-RT9602CS Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
More results

Similar Description - RT9607A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com