Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD01347 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SD01347
Description  POWER SNAP SURFACE MOUNT TAPE AND REELED 40 AMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD01347 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SD01347 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.197 5.00
.218 5.54
PER ASME Y14.5M-1994
ronics
OF
APPROVED
1
D
DRAWING
BY
REV
1
SD01347
ANGLES: ± 2°
SCALE: 10:1
11/08/02
B
REVISED PER
.XXXX ± .XXXX
ER7306
Winchester Electronics Corporation
1
RAB
JED
JEM
DATE
11/08/02
11/08/02
11/08/02
A
KJT
.XXX ± .005 [0.13]
DECIMAL: .XX ± .01 [0.3]
TOLERANCES:
SHT
DATE
DRAWN
1
CUSTOMER
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
lec
Wallingford, Connecticut 06492
DATE APPD
DESCRIPTION
REV
DATE
APPROVED
DATE
APPROVED
DATE
t
62 Barnes Industrial Road North
WinchesterE
POWER SNAP
SURFACE MOUNT TAPE AND REELED
40 AMP
RECOMMENDED PAD LAYOUT
.220
MIN
5.59
AMS-QQN-290.
NOTES: UNLESS OTHERWISE SPECIFIED
1. PARTS PACKAGED IN TAPE AND REEL.
2. MATERIAL SPECIFICATIONS:
BODY: BRASS PER ASTM B16
3. FINISH SPECIFICATIONS:
BODY: .000030 MIN GOLD PER ASTM B488
OVER .000080 MIN NICKEL PER
WINCHESTER CATALOG No. 01347
ISOMETRIC VIEW
SCALE: 6:1


Similar Part No. - SD01347

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD01348 WINCHESTER-SD01348 Datasheet
29Kb / 1P
   POWERSNAP RIGHT ANGLE SOLDER MOUNT 20 AMP, 14 AWG
More results

Similar Description - SD01347

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
01347 WINCHESTER-01347 Datasheet
72Kb / 1P
   POWER SNAP SURFACE MOUNT TAPE AND REELED 40 AMP
logo
Harwin Plc
S1751-06R HARWIN-S1751-06R Datasheet
69Kb / 1P
   SURFACE MOUNT TEST TERMINAL (TAPE AND REELED)
S1731-06R HARWIN-S1731-06R Datasheet
113Kb / 1P
   POWER SMT JUMPER LINK (TAPE AND REELED)
logo
Winchester Electronics ...
SD01333 WINCHESTER-SD01333 Datasheet
73Kb / 1P
   POWER SNAP SURFACE MOUNT 40 AMPS
SD01127 WINCHESTER-SD01127 Datasheet
84Kb / 1P
   POWER SNAP SURFACE MOUNT 40 AMPS
01333 WINCHESTER-01333 Datasheet
73Kb / 1P
   POWER SNAP SURFACE MOUNT 40 AMPS
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com