Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9361A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9361A
Description  Tiny Package, High Performance, Regulated Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9361A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9361A Datasheet HTML 2Page - Richtek Technology Corporation RT9361A Datasheet HTML 3Page - Richtek Technology Corporation RT9361A Datasheet HTML 4Page - Richtek Technology Corporation RT9361A Datasheet HTML 5Page - Richtek Technology Corporation RT9361A Datasheet HTML 6Page - Richtek Technology Corporation RT9361A Datasheet HTML 7Page - Richtek Technology Corporation RT9361A Datasheet HTML 8Page - Richtek Technology Corporation RT9361A Datasheet HTML 9Page - Richtek Technology Corporation RT9361A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9361A/B
6
DS9361A/B-13 April 2011
www.richtek.com
VIL vs. Input Voltage
0.8
0.9
1
1.1
1.2
1.3
1.4
2.75
3
3.25 3.5
3.75
4
4.25 4.5
4.75
5
Input Voltage (V)
VIH vs. Input Voltage
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
2.75
3
3.25 3.5
3.75
4
4.25 4.5
4.75
5
Input Voltage (V)
Inrush Current
Time (40
μs/Div)
VIN
EN
IIN
(2V/Div)
(2V/Div)
(2V/Div)
(500mA/Div)
VIN = 5V, IOUT = 60mA
VOUT
Inrush Current
Time (40
μs/Div)
VIN
EN
IIN
VOUT
(2V/Div)
(2V/Div)
(2V/Div)
(500mA/Div)
VIN = 2.8V, IOUT = 60mA
TA = 85°C
TA = 25°C
TA = -40°C
TA = 85°C
TA = 25°C
TA = -40°C
Efficiency vs. Output Curent
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
10
15
20
25
30
35
40
45
50
55
60
Output Curent (mA)
VIN = 3V
VIN = 4.2V
VIN = 3.4V
85
80
75
70
65
60
55
50
45
40
Efficiency vs. Input Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1
2.75
3
3.25 3.5
3.75
4
4.25 4.5 4.75
5
Input Voltage (V)
IOUT = 10mA
IOUT = 20mA
IOUT = 30mA
IOUT = 40mA
IOUT = 50mA
IOUT = 60mA
100
90
80
70
60
50
40


Similar Part No. - RT9361A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9363 RICHTEK-RT9363 Datasheet
192Kb / 12P
   Smallest 60mA 3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
RT9367C RICHTEK-RT9367C Datasheet
488Kb / 18P
   I2C Programmable White LED Driver with Dual LDO
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results

Similar Description - RT9361A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9394 RICHTEK-RT9394 Datasheet
210Kb / 13P
   Tiny Package, High Performance, Regulated Charge Pump
May 2022
logo
Monolithic Power System...
MP9361 MPS-MP9361 Datasheet
335Kb / 6P
   High Performance Regulated Charge Pump
MP9218 MPS-MP9218 Datasheet
345Kb / 8P
   High Performance Regulated Charge Pump
logo
Lowpower Semiconductor ...
LP3120 POWER-LP3120 Datasheet
255Kb / 5P
   High Performance Regulated Charge Pump
logo
Monolithic Power System...
MPQ9361 MPS-MPQ9361 Datasheet
386Kb / 8P
   Industrial Grade, High Performance Regulated Charge Pump
EV9361DJ-00A MPS-EV9361DJ-00A Datasheet
159Kb / 4P
   High Performance Regulated Charge Pump Evaluation Board
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com