Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9184A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9184A
Description  Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9184A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9184A_11 Datasheet HTML 1Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 2Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 3Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 4Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 5Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 6Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 7Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 8Page - Richtek Technology Corporation RT9184A_11 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9184A
3
DS9184A-09 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 6.5V
Power Dissipation, PD @ TA = 25
°C
SOP-8 ------------------------------------------------------------------------------------------------------------------ 0.625W
Package Thermal Resistance (Note 2)
SOP-8,
θJA ------------------------------------------------------------------------------------------------------------ 160°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 2.8V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
40°Cto 125°C
(VIN = VOUT + 1V, or VIN = 2.8V whichever is greater, CIN = 1
μF, COUT = 1μF, TA = 25°C, for each LDO unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−1
--
3
%
Current Limit
ILIM
RLOAD = 1Ω
500
--
--
mA
Quiescent Current (both LDOs)
(Note 5)
IQ
IOUT = 0mA
--
440
600
μA
Dropout Voltage
(Note 6)
VDROP
IOUT = 500mA
--
600
--
mV
Line Regulation
ΔVLINE
VIN = (VOUT + 0.3V) to 5.5V,
IOUT = 1mA
--
0.2
--
%/V
Load Regulation
(Note 7)
ΔVLOAD
1mA
< IOUT < 500mA
--
30
--
mV
Power Supply Rejection Rate
PSRR
f = 1kHz, COUT = 1μF
--
−55
--
dB
Thermal Shutdown Protection
TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
40
--
°C


Similar Part No. - RT9184A_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9184ACH RICHTEK-RT9184ACH Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
More results

Similar Description - RT9184A_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
List of Unclassifed Man...
PS22921 ETC2-PS22921 Datasheet
468Kb / 8P
   12V, 500mA Fast Transient Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com