Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9816 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9816
Description  Micro-Power Voltage Detectors with Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9816 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9816_11 Datasheet HTML 1Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 2Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 3Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 4Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 5Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 6Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 7Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 8Page - Richtek Technology Corporation RT9816_11 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9816
5
DS9816-05 April 2011
www.richtek.com
Typical Operating Characteristics
Supply Current vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
0123
456
Input Voltage (V)
RT9816C-30
80
°C
25
°C
-30
°C
Supply Current vs. Input Voltage
0
1
2
3
4
5
6
0123456
Input Voltage (V)
RT9816A-12
80
°C
25
°C
-30
°C
Output Voltage vs. Input Voltage
0
1
2
3
4
5
6
7
0123
456
Input Volgate (V)
4.5V
1.2V
RT9816
Nch Driver Output Current vs. VDS
0
20
40
60
80
100
120
01
23
45
VDS (V)
RT9816A-45
VDD = 4.4V
= 4.0V
= 3.5V
= 3.0V
= 2.5V
= 2.0V
= 1.5V
Nch Driver Output Current vs. VDS
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
3.5
VDS (V)
VDD = 2.0V
VDD = 1.5V
RT9816C-30
VDD = 2.8V
VDD = 2.5V
Nch Driver Output Current vs. VDS
0
0.4
0.8
1.2
1.6
2
2.4
0
0.3
0.6
0.9
1.2
1.5
VDS (V)
VDD = 1.0V
VDD = 1.1V
RT9816A-12


Similar Part No. - RT9816_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9816_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9817 RICHTEK-RT9817 Datasheet
114Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
RT9816 RICHTEK-RT9816 Datasheet
117Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
   Micro-Power Voltage Detector with Manual Reset
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
logo
Lowpower Semiconductor ...
LP3809 POWER-LP3809 Datasheet
347Kb / 6P
   Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com