Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9139 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9139
Description  Rail-to-Rail Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9139 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9139 Datasheet HTML 4Page - Richtek Technology Corporation RT9139 Datasheet HTML 5Page - Richtek Technology Corporation RT9139 Datasheet HTML 6Page - Richtek Technology Corporation RT9139 Datasheet HTML 7Page - Richtek Technology Corporation RT9139 Datasheet HTML 8Page - Richtek Technology Corporation RT9139 Datasheet HTML 9Page - Richtek Technology Corporation RT9139 Datasheet HTML 10Page - Richtek Technology Corporation RT9139 Datasheet HTML 11Page - Richtek Technology Corporation RT9139 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RT9137/8/9
8
DS9137/8/9-01 April 2011
www.richtek.com
Note :
(1) Slew rate is measured on rising and falling edges.
(2) Guaranteed by design, not subject to production testing.
(VS+ = 5V, VS- = -5V, RL = 1k
Ω to 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Characteristics
Input Offset Voltage
VOS
VCM = 0
--
3
17.5
mV
Average Offset Voltage Drift
Note (2)
ΔV
OS/ΔT
−40°C ≤ T
A ≤ 85°C
--
7
--
μV/°C
Input Bias Current
IB
VCM = 0
--
2
60
nA
Input Impedance
Note (2)
RIN
--
1
--
G
Ω
Input Capacitance
Note (2)
CIN
--
2
--
pF
Common-Mode Input Range
CMIR
−5.5
--
5.5
V
Common-Mode Rejection Ratio CMRR
For VIN from −5.5V to 5.5V
--
70
--
dB
Open-Loop Gain
AVOL
−4.5V ≤ VOUT ≤ 4.5V
--
70
--
dB
Output Characteristics
Output Swing Low
VOL
IL = −5mA
--
−4.92
−4.85
V
Output Swing High
VOH
I L = 5mA
4.85
4.92
--
V
Continuous Output Current
IOC
--
±35
--
mA
Peak Output Current
IPC
--
250
--
mA
Power Supply
Power Supply Rejection Ratio
PSRR
VS is moved from ±2.25V to ±7.5V
--
70
--
dB
Supply Current/Amplifier
ISY
No Load, Per Channel
--
4.6
--
mA
Dynamic Performance
Slew Rate
Note (1)
SR
−4.0V ≤ VOUT ≤ 4.0V, 20% to 80%
--
120
--
V/
μs
Setting to ±0.1% (AV = +1)
Note (2)
tS
(AV = 1), VOUT = 2V step
--
100
--
ns
-3dB Bandwidth
BW
RL = 10kΩ, CL =10 pF
--
50
--
MHz
Gain-Bandwidth Product
GBWP
RL = 10kΩ, CL =10 pF
--
30
--
MHz
Phase Margin
Note (2)
PM
RL = 10kΩ, CL =10 pF
--
50
--
°
Channel Separation
CS
f = 5MHz
--
75
--
dB


Similar Part No. - RT9139

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
RT9133AGB RICHTEK-RT9133AGB Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9139

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com