Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

742792901 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 742792901
Description  WE-PF SMD EMI Suppression Power Ferrite
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742792901 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742792901 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792901 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792901 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792901 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792901 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 742792901 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7.2
7.1
7.0
6.0
REV
2012-09-27
2012-06-27
2012-04-03
2007-04-19
DATE
SSt
SSt
SSt
SMu
BY
SMu
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PF SMD EMI Suppression Power
Ferrite
Order.- No.
742792901
SIZE
A4
Size: 1280
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-180 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 742792901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
742792901 ETC2-742792901 Datasheet
41Kb / 1P
   WE-PF SMD EMI Suppression Power Ferrite
More results

Similar Description - 742792901

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
742792902 WURTH-742792902 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
742792903 WURTH-742792903 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
742792904 WURTH-742792904 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
742792906 WURTH-742792906 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
742792907 WURTH-742792907 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
742792910 WURTH-742792910 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
7427929112 WURTH-7427929112 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
7427929115 WURTH-7427929115 Datasheet
1Mb / 6P
   WE-PF SMD EMI Suppression Power Ferrite
logo
List of Unclassifed Man...
742792901 ETC2-742792901 Datasheet
41Kb / 1P
   WE-PF SMD EMI Suppression Power Ferrite
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com