Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-FGGJ6 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9011-FGGJ6
Description  Portable Power Management 300mA Dual LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-FGGJ6 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9011-FGGJ6 Datasheet HTML 1Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 2Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 3Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 4Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9011-FGGJ6 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9011
5
DS9011-08 April 2011
www.richtek.com
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Note 6.
It is guaranteed by design.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage TC
--
100
--
ppm/
°C
VOUT Discharge Resistance in
Shutdown
(Note 6)
VIN = 5V, EN1 = EN2 = GND
--
3
--
k
Ω
EN Pull Low Current
IEN
--
0.2
--
μA
Thermal Shutdown
TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
40
--
°C
f = 100Hz
--
70
--
f = 1kHz
--
70
--
f = 10kHz
--
70
--
f = 100kHz
--
54
--
f = 200kHz
--
45
--
PSRR
VIN = VOUT + 1V, COUT = 2.2μF
ILOAD = 50mA
PSRR
f = 300kHz
--
38
--
dB
Output Voltage Noise
COUT1 = COUT2 = 10uF, 10Hz to
100kHz, IOUT1 = IOUT2 = 1mA
--
100
--
uVrms


Similar Part No. - RT9011-FGGJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-FGGJ6 RICHTEK-RT9011-FGGJ6 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-FGGJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com