Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

320-000-305 Datasheet(PDF) 21 Page - ITT Industries

Part # 320-000-305
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

320-000-305 Datasheet(HTML) 21 Page - ITT Industries

Back Button 320-000-305 Datasheet HTML 17Page - ITT Industries 320-000-305 Datasheet HTML 18Page - ITT Industries 320-000-305 Datasheet HTML 19Page - ITT Industries 320-000-305 Datasheet HTML 20Page - ITT Industries 320-000-305 Datasheet HTML 21Page - ITT Industries 320-000-305 Datasheet HTML 22Page - ITT Industries 320-000-305 Datasheet HTML 23Page - ITT Industries 320-000-305 Datasheet HTML 24Page - ITT Industries 320-000-305 Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
ARINC 600
BKAD/E/F
Cross Reference-Part Number/Customer-Use Drawing
21
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
COMPONENT
PART NUMBER
CUSTOMER USE
DRAWING NUMBER
COMPONENT
PART NUMBER
CUSTOMER USE
DRAWING NUMBER
COMPONENT
PART NUMBER
CUSTOMER USE
DRAWING NUMBER
030-1975-009
030-1975-010
030-2259-000
030-2273-000
030-2280-000
030-2286-000
030-2356-000
030-2357-000
030-2358-000
031-1113-009
031-1113-010
031-1287-000
031-1302-000
031-1303-000
031-1308-000
031-1351-000
031-1351-001
031-1351-002
031-1351-003
031-1352-000
031-1252-000
031-1252-002
031-1352-003
143-1908-000
143-1908-001
143-1909-000
143-1909-001
143-1910-000
143-1910-001
143-1911-000
143-1911-001
143-1912-000
143-1912-001
143-1913-000
143-1913-001
143-1958-000
143-1958-002
143-1960-000
143-1960-002
143-2015-000
143-2015-001
143-2016-000
143-2016-001
143-2065-000
143-2066-000
143-2067-000
143-2068-000
143-2085-000
143-2085-001
143-2086-000
143-2086-001
249-1521-002
249-1522-009
249-1522-010
249-1554-002
249-1604-003
249-1604-004
249-2201-000
249-2202-000
249-5027-013
249-5027-015
249-5027-016
320-0051-000
320-1066-000
320-1066-001
320-1066-002
320-1066-003
320-1066-004
320-1066-005
320-1066-006
249-1521-002
249-1522-010
249-1522-010
249-1554-002
249-1604-003
249-1604-004
249-1521-002
249-1522-010
249-5027-013
249-5027-007
249-5027-016
1250Y
320-000-305
025-1121-001
025-1122-001
025-1123-001
025-1124-001
025-1155-001
025-1156-001
025-1157-001
025-1158-001
025-0000-054
(Conductive Only)
025-0000-055
(Conductive Only)
225-0000-014
225-0094-000
225-0095-000
225-0096-000
225-0097-000
225-0098-000
225-0099-000
225-1058-000
225-0072-000
225-0090-000
225-1013-000
225-1014-000
225-1015-000
225-0000-006
225-0090-000
225-0000-008
143-0000-081
143-0000-077
143-0000-080
143-0000-079
143-0000-078
1247Y
143-0000-079
249-1521-000
249-1522-000
249-1522-002
249-1554-000
249-1604-000
249-1604-001
249-1604-002
249-1882-000
1250Y
249-5027-008
249-5027-017
249-5027-000
249-5027-007
349-0000-306
249-1521-000
249-1522-000
249-1522-002
249-1554-000
249-1604-000
249-1604-001
249-1604-002
249-1882-000
249-1882-002
249-1885-002
249-5027-008
249-5027-017
249-5123-000
249-5123-001
349-1053-000
349-1053-001
349-1053-002
349-1053-003
349-1053-004
3491053-005
349-1053-006
349-1053-007
349-1053-008
349-1053-009
030-1975-009
030-1975-010
030-2259-000
030-2273-000
030-2280-000
030-2286-000
030-2356-000
030-2357-000
030-2358-000
031-1113-009
031-1113-010
031-1287-000
031-1302-000
031-1303-000
031-1308-000
031-0000-343
031-0000-344
021-0144-000
021-0144-001
021-0144-002
021-0144-003
021-0144-004
021-0144-006
021-0144-008
021-0144-011
021-0144-000
021-0144-001
021-0144-002
021-0144-003
021-0144-004
021-0144-006
021-0144-008
021-0144-011
349-0013-000
349-0014-000
349-0015-000
349-0016-000
349-1003-000
349-1009-000
349-0000-000
349-0000-001
349-0000-002
349-0000-001
349-000-301
249-1767-000
249-1767-001
249-1768-000
249-2203-000
249-1767-000
249-1767-001
249-1768-000
249-2203-000
143-1906-000
143-1906-001
143-1907-001
143-1907-001
143-0000-079
Contacts
Replacement Coax Termination Kit
Dust Caps
Filler Plugs
Sealing Plugs
Replacement Coax
Body Assembly
Size #1 Coax Contacts
Size #5 Coax Contacts
Size #12 Shielded Contact
Replaceable Inserts
For part numbers not listed, consult ITT for applicable customer-use drawing.


Similar Part No. - 320-000-305

ManufacturerPart #DatasheetDescription
logo
ITT Industries
320-000-305 ITT-320-000-305 Datasheet
688Kb / 19P
   ARINC 600
320-000-305 ITT-320-000-305 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 320-000-305

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com