Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA207700GBM Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RAA207700GBM
Description  Synchronous Buck Regulator with Internal Power MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA207700GBM Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RAA207700GBM Datasheet HTML 6Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 7Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 8Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 9Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 10Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 11Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 12Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 13Page - Renesas Technology Corp RAA207700GBM Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RAA207700GBM/7701GBM/7702GBM
Preliminary
R07DS0891EJ0001 Rev.0.01
Page 10 of 17
Nov 29, 2012
Thermal Shutdown (TSD)
Thermal sensor monitors junction temperature of IC. When junction temperature exceeds 150°C, switching stops. After
junction temperature become 125°C, IC restart switching from soft start (Non-latched function).
Enhanced Light Load Function (ELL)
IC operates diode emulation mode in light load condition. To enhance light load efficiency, IC detects light load
condition automatically, and operate as Enhanced Light Load mode (ELL). In ELL mode, bias current of IC becomes
small, so this function can improve the efficiency.
Line Switch Driver
The RAA207700GBM/7701GBM/7702GBM incorporates high drivability built in line switch driver. The line switch
driver can drives large gate capacitance MOSFET with low power consumption. (Typical 8
A at Vin = 12 V)
Line switch driver operates independent of voltage regulator’s state.
LS_OUT
LS_IN
VIN
VIN
Input signal
0 V - 3.3 V
0 V - VIN
Vout1
Discrete
MOSFET
Vout2
Note: This function is independent of state of voltage regulator.


Similar Part No. - RAA207700GBM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA207700GBM RENESAS-RAA207700GBM_15 Datasheet
292Kb / 26P
   Synchronous Buck Regulator with Internal Power MOSFETs
More results

Similar Description - RAA207700GBM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA207700GBM RENESAS-RAA207700GBM_15 Datasheet
292Kb / 26P
   Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_15 Datasheet
280Kb / 24P
   Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM Datasheet
164Kb / 18P
   Synchronous Buck Regulator with Internal Power MOSFETs
RAA207703GBM RENESAS-RAA207703GBM_13 Datasheet
280Kb / 24P
   Synchronous Buck Regulator with Internal Power MOSFETs
logo
Intersil Corporation
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
   10A Synchronous Buck Regulator with Integrated Power MOSFETs
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com