Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1907-001 Datasheet(PDF) 64 Page - ITT Industries

Part # 143-1907-001
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1907-001 Datasheet(HTML) 64 Page - ITT Industries

Back Button 143-1907-001 Datasheet HTML 60Page - ITT Industries 143-1907-001 Datasheet HTML 61Page - ITT Industries 143-1907-001 Datasheet HTML 62Page - ITT Industries 143-1907-001 Datasheet HTML 63Page - ITT Industries 143-1907-001 Datasheet HTML 64Page - ITT Industries 143-1907-001 Datasheet HTML 65Page - ITT Industries 143-1907-001 Datasheet HTML 66Page - ITT Industries 143-1907-001 Datasheet HTML 67Page - ITT Industries 143-1907-001 Datasheet HTML 68Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
ARINC 404
DPX*MA Crimp
Coaxial Cable Assembly Recommendations
64
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
LITTLE CAESAR Contact Assembly Data
For Codes G, H and R
For Codes F, S and T
1. Strip and trim cable as shown on page 60.
2. Solder inner conductor to coaxial contact with crimp ring over braid and rear insulator over inner
conductor.
3. Insert cable into coaxial with shell under braid. Crimp ring with Cannon crimp tool CA58073.
1. Strip and trim cable as shown on page 60.
2. Solder inner connector to coaxial contact with crimp ring pushed back on cable.
3. Insert cable into coaxial and pull ring forward over braid. Crimp ring with Cannon crimp tool
CA58073-0001 or CCT-408M. After crimping, crimp ring must not exceed .252 (6.40) diameter.
1. Strip and trim cable as shown on page 60.
2. Slide crimp ring over braid and jacket of cable.
3. Unbraid exposed portion of braid and fold braid wires backward over outside of crimp ring.
4. Insert prepared wire into right angle fitting of shell assembly. Conductor should be aligned in slot of the
center contact. Crimp with Cannon tool CCT/C10.
5. Solder center conductor of cable to contact. Insert cap and solder in place.
1 . Slip ferrule over cable jacket. Trim outer jacket. Comb out braid as shown. Retrim braid.
2. Bend up combed out braid at right angles to cable. Slide ferrule up to bend and fold braid back against
ferrule.
3. Slide rear insulator over dielectric as shown. Press insulator firmly against folded back braid and trim
dielectric flush with insulator. Then cut inner conductor to length shown.
4. Place contact over conductor. Press contact and insulator firmly against braid and solder contact to
conductor.
5. Push cable assembly into shell, pressing against rear of ferrule and crimp area shown with T. & B.
#WT-400 Crimp Tool while making sure parts do not move out of place.
1 . Trim jacket to .680 (17.27)/.660 (16.76) dimension. Then slide ferrule over braid until it stops
against jacket, and comb out exposed portion of braid.
2. Fold combed braid over ferrule as shown. Then trim dielectric to .070 (1.78)/.060 (1.52) dimension
and slide rear insulator over dielectric until it presses against braid.
3. Press insulator against braid and trim inner conductor to .247 (6.27)/.237 (6.02) dimension. Then place
contact over conductor and crimp with MS3191-3 (do not use MS3191-1). Press parts firmly
against locator during crimping operation.
4. Place front insulator over contact. Push parts into coaxia! shell. While holding parts firmly against stop
shoulder in coaxial shell, place jaw of crimp tool at back end of shell and crimp. Use Buchanan crimp
tool #612991 (.343 [8.71) across hex].
FERRULE
CRIMP AREA
SHELL
CONTACT
REAR INSULATOR
JACKET
FERRULE
DIELECTRIC
JACKET
COAXIAL SHELL
REAR INSULATOR
CONTACT
FRONT
INSULATOR
.400 APPROX.
(10-16)
.680 (17.27)
.660 (16.76)
.198 (5.03)
.034 DIA.
(0.86)
.156 (3.96)
.136 (3.45)
.250 (6.35)
.230 (5.84)
.070 (1.78)
.060 (1.52)
.247 (6.27)
.237 (6.02)
.070 (1.78) MAX.
For Codes U
For Codes AA
For Codes AC


Similar Part No. - 143-1907-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1907-001 ITT-143-1907-001 Datasheet
688Kb / 19P
   ARINC 600
143-1907-001 ITT-143-1907-001 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1907-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com