Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1907-001 Datasheet(PDF) 58 Page - ITT Industries

Part # 143-1907-001
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1907-001 Datasheet(HTML) 58 Page - ITT Industries

Back Button 143-1907-001 Datasheet HTML 54Page - ITT Industries 143-1907-001 Datasheet HTML 55Page - ITT Industries 143-1907-001 Datasheet HTML 56Page - ITT Industries 143-1907-001 Datasheet HTML 57Page - ITT Industries 143-1907-001 Datasheet HTML 58Page - ITT Industries 143-1907-001 Datasheet HTML 59Page - ITT Industries 143-1907-001 Datasheet HTML 60Page - ITT Industries 143-1907-001 Datasheet HTML 61Page - ITT Industries 143-1907-001 Datasheet HTML 62Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 120 page
background image
ARINC 404
DPX Solder
Coaxial/Power Contact Termination Data (Retained by Captive Insulator Assy.)
58
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Rear Extension
from insulator
Contact
type
code
R
Z
AA
AB
AC
NOTES: 1. Code L-10C3, A10C3,17, 23, 25C3, E25C3, F25C3, G25C3. H25C3,J25C3, Q25C3, R125C3, 30C4, A30C4, C30C4, D30C4, E30C4, 32, 32C2, A32C2, C32C2, 032C2, F32C2, M32C2, N32C2,
Q32C2, 40, 40C1, B40C1, D40C1, E40C1, F40C1, H40C1, J40C1, K40C1, L40C1, 45, 57, 67,
2. Code M-B16C3, C16C3, G16C3, H16C3, M16C3, ZE16C3, ZF16C3, 26, 30C4, 32, 67
Code Letter
A
B
C
D
E
I
J
K
Z
AA
AB
AC
R
A
.166/.146
.166/.146
.166/.146
.166/.146
.166/.146
.166/.146
.166/.146
.198/.178
.08
.11
.238/.198
.345/.281
.238/.198
Inches
1.250 APP.
(31.75)
.440 (11.18) DIA
.206 (5.23) DIA.
.768
(19.51)
.364
(9.25)
.093 (2.36) DIA.
.040 (1.02) DIA.
.750 APPROX.
(19.05)
.224 (5.69) DIA.
1.250 APPROX.
(31.75)
.438 (11.13) DIA.
B
A
C
INNER CONDUCTOR
DIELECTRIC
BRAID
JACKET
.140
(3.56) DIA.
Millimeters
B
.358/.318
.358/.318
.358/.318
.358/.318
.358/.318
.39
.55
.488/.428
.41
.23
.233/.193
.516/.484
.233/.193
C
.14
.14
.14
.14
.14
.166/.146
.166/.146
.25
.23
.195/.175
.447/.427
.359/.296
.582/.542
A
4.22/3.71
4.22/3.71
4.22/3.71
4.22/3.71
4.22/3.71
4.22/3.71
4.22/3.71
5.03/4.52
2.03
2.79
6.04/5.03
8.71/7.14
6.05/5.03
B
9.08/8.08
9.08/8.08
9.08/8.08
9.08/8.08
9.08/8.08
9.91
13.97
11.38/10.87
10.41
5.84
5.92/4.90
13.1/12.3
5.92/4.90
C
3.55
3.55
3.55
3.55
3.55
4.21/3.71
4.21/3.71
6.35
5.84
4.95/4.45
11.35/10.89
9.12/7.52
14.8/13.8
Part Number
Pin
249-1521-000
249-1624-000
249-1599-000
249-1554-000
Consult Factory
249-1522-000
249-1598-000
249-1622-000
249-1822-000
249-5027-001
RG-9/U, RG-214/U
RG-58/U
with Capitve
Contact
RG-196/U
with Captive
Contact
RG-58/U
RG-9/U
RG-214/U
C2
C7AA, ZE16C3
Q25C3, A30C4
M32C2, J40C1
C7X, ZF16C3,
R25C3, B30C4,
N32C2, K40C1
C2C
C2M
Socket
Cable
Accommodation
Layout
Accommodation
Suggested Cable Trim Dimensions


Similar Part No. - 143-1907-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1907-001 ITT-143-1907-001 Datasheet
688Kb / 19P
   ARINC 600
143-1907-001 ITT-143-1907-001 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1907-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com