Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9719 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9719
Description  Charging System Safety Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9719 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9719 Datasheet HTML 1Page - Richtek Technology Corporation RT9719 Datasheet HTML 2Page - Richtek Technology Corporation RT9719 Datasheet HTML 3Page - Richtek Technology Corporation RT9719 Datasheet HTML 4Page - Richtek Technology Corporation RT9719 Datasheet HTML 5Page - Richtek Technology Corporation RT9719 Datasheet HTML 6Page - Richtek Technology Corporation RT9719 Datasheet HTML 7Page - Richtek Technology Corporation RT9719 Datasheet HTML 8Page - Richtek Technology Corporation RT9719 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9719
1
DS9719-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
SOT-23-6
Charging System Safety Device
General Description
The RT9719 is an integrated circuit (IC) designed to replace
passive device in charging system with extra protection
function. It is optimized to protect low voltage system
from up to 28V high voltage input. The IC monitors the
input voltage to make sure all parameters are operating in
normal range. It also monitors its own temperature and
turn off the MOSFET when the chip temperature exceeds
140
°C. When the input voltage exceeds the threshold,
the IC turns off the power MOSFET within 1us to remove
the power before any damage occurs. User can monitor
the adapter input voltage from CHRIN pin which has 50mA
current capability. The gate of the P-MOSFET will be
controlled by the external charging controller from
GATEDRV pin if all parameters are operating in normal
range.
The RT9719 is available in SOT-23-6 and WDFN-8L 2x2
tiny packages to achieve best solution for PCB space and
total BOM cost saving considerations.
ACIN
ACIN
ISENSE
ISENSE
CHRIN
ACIN
GND
7
6
5
1
2
3
4
8
9
GATEDRV
4
23
5
6
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Features
No External Blocking Diode Requiring
Overvoltage Turn Off Time of Less Than 1
μμμμμs
High Accuracy Protection Thresholds
Over Temperature Protection
High Immunity of False Triggering Under Transients
Thermal Enhanced SOT-23-6 and 8-Lead WDFN
Packages
RoHS Compliant and Halogen Free
Application
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
RT9719
Package Type
E : SOT-23-6
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
OVP
Default : 6.25V
A : 7.20V


Similar Part No. - RT9719

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGB RICHTEK-RT9711AGB Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGBG RICHTEK-RT9711AGBG Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGF RICHTEK-RT9711AGF Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9719

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9730 RICHTEK-RT9730 Datasheet
167Kb / 9P
   Charging System Safety Device
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com