Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9715FGB Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9715FGB
Description  90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715FGB Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9715FGB Datasheet HTML 7Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 8Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 9Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 10Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 11Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 12Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 13Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 14Page - Richtek Technology Corporation RT9715FGB Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT9715
12
DS9715-03 April 2011
www.richtek.com
Outline Dimension
A
A1
e
b
B
D
C
H
L
SOT-23-5 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.889
1.295
0.035
0.051
A1
0.000
0.152
0.000
0.006
B
1.397
1.803
0.055
0.071
b
0.356
0.559
0.014
0.022
C
2.591
2.997
0.102
0.118
D
2.692
3.099
0.106
0.122
e
0.838
1.041
0.033
0.041
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024


Similar Part No. - RT9715FGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715FGB RICHTEK-RT9715FGB Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
RT9715FGB RICHTEK-RT9715FGB Datasheet
240Kb / 12P
   Reverse Blocking Current
More results

Similar Description - RT9715FGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com