Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3553MPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR3553MPBF
Description  40A Integrated PowIRstage짰
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553MPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3553MPBF Datasheet HTML 7Page - International Rectifier IR3553MPBF Datasheet HTML 8Page - International Rectifier IR3553MPBF Datasheet HTML 9Page - International Rectifier IR3553MPBF Datasheet HTML 10Page - International Rectifier IR3553MPBF Datasheet HTML 11Page - International Rectifier IR3553MPBF Datasheet HTML 12Page - International Rectifier IR3553MPBF Datasheet HTML 13Page - International Rectifier IR3553MPBF Datasheet HTML 14Page - International Rectifier IR3553MPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
11
IR3553
40A Integrated PowIRstage® 
TYPICAL OPERATING CHARACTERISTICS (CONTINUED) 
Circuit of Figure 32, VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=7V, TAMBIENT = 25°C, no heat sink, no air flow, 
8‐layer PCB board of 3.7” (L) x 2.6” (W), no PWM controller loss, no inductor loss, unless specified otherwise. 
Figure 19: Body‐Braking® Delays 
Figure 20: PWM Tri‐state Delays, IOUT = 10A 
Figure 21: PWM Tri‐state Delays, IOUT = 10A 
Figure 22: Diode Emulation Mode, IOUT = 3A 
Figure 23: Body‐Braking® Mode, IOUT = 3A 
Figure 24: Diode Emulation Setup through BBRK# Capacitor 
VCC 
2V/div
BBRK# 
1V/div
2ms/div 
SW 
10V/div
BBRK# 
5V/div
GATEL 
5V/div
40ns/div 
PWM 
5V/div
PWM 
2V/div
SW 
5V/div
100ns/div 
PWM 
2V/div
SW 
5V/div
100ns/div 
PWM 
2V/div
SW 
5V/div
400ns/div 
GATEL 
10V/div
PWM 
2V/div
SW 
5V/div
400ns/div 
GAETL 
10V/div


Similar Part No. - IR3553MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3553 IRF-IR3553 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
More results

Similar Description - IR3553MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
   60A Integrated PowIRstage짰
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
   40A Integrated PowIRstage
IR3552 IRF-IR3552_15 Datasheet
1Mb / 23P
   40A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
   40A SCRs
logo
International Rectifier
IR3551 IRF-IR3551 Datasheet
879Kb / 22P
   The IR3551 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
IR3558 IRF-IR3558 Datasheet
796Kb / 21P
   The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
logo
Kersemi Electronic Co.,...
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
   40A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com