Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3550MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3550MPBF
Description  60A Integrated PowIRstage짰
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3550MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3550MPBF Datasheet HTML 5Page - International Rectifier IR3550MPBF Datasheet HTML 6Page - International Rectifier IR3550MPBF Datasheet HTML 7Page - International Rectifier IR3550MPBF Datasheet HTML 8Page - International Rectifier IR3550MPBF Datasheet HTML 9Page - International Rectifier IR3550MPBF Datasheet HTML 10Page - International Rectifier IR3550MPBF Datasheet HTML 11Page - International Rectifier IR3550MPBF Datasheet HTML 12Page - International Rectifier IR3550MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
March 12, 2012 | FINAL DATASHEET
9
IR3550
60A Integrated PowIRstage®
TYPICAL OPERATING CHARACTERISTICS
Circuit of Figure 32, VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=7V, TAMBIENT = 25°C, no heat sink, no air flow,
8-layer PCB board of 3.7” (L) x 2.6” (W), no PWM controller loss, no inductor loss, unless specified otherwise.
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
0
5
10
15
20
25
30
35
40
45
50
55
Output Current (A)
Figure 7: Typical IR3550 Efficiency
Figure 8: Typical IR3550 Power Loss
Figure 9: Safe Operating Area, TCASE <= 125°C
Figure 10: Normalized Power Loss vs. Input Voltage
Figure 11: Normalized Power Loss vs. Output Voltage
Figure 12: Normalized Power Loss vs. Switching Frequency
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
Output Current (A)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
5
10
15 20 25 30 35 40 45
50 55 60 65 70
75 80 85 90
Ambient Temperature (°C)
400LFM
200LFM
100LFM
0LFM
0.85
0.90
0.95
1.00
1.05
1.10
1.15
5
6
7
8
9
10
11
12
13
14
15
Input Voltage (V)
-2.25
-1.50
-0.75
0.00
0.75
1.50
2.25
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
Output Voltage (V)
-2.25
-1.50
-0.75
0.00
0.75
1.50
2.25
3.00
3.75
4.50
5.25
6.00
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
200
300
400
500
600
700
800
900
1000
Switching Frequency (kHz)
-2.25
-1.50
-0.75
0.00
0.75
1.50
2.25
3.00
3.75
4.50
5.25
6.00


Similar Part No. - IR3550MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
More results

Similar Description - IR3550MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3553 IRF-IR3553 Datasheet
474Kb / 22P
   40A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IRF3546M IRF-IRF3546M_15 Datasheet
718Kb / 18P
   60A Dual Integrated Power Block
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
IRF3546 IRF-IRF3546 Datasheet
358Kb / 18P
   60A Dual Integrated Power Block
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
   60A Exposed Top Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com