Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

144-2945-000 Datasheet(PDF) 50 Page - ITT Industries

Part # 144-2945-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

144-2945-000 Datasheet(HTML) 50 Page - ITT Industries

Back Button 144-2945-000 Datasheet HTML 46Page - ITT Industries 144-2945-000 Datasheet HTML 47Page - ITT Industries 144-2945-000 Datasheet HTML 48Page - ITT Industries 144-2945-000 Datasheet HTML 49Page - ITT Industries 144-2945-000 Datasheet HTML 50Page - ITT Industries 144-2945-000 Datasheet HTML 51Page - ITT Industries 144-2945-000 Datasheet HTML 52Page - ITT Industries 144-2945-000 Datasheet HTML 53Page - ITT Industries 144-2945-000 Datasheet HTML 54Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 120 page
background image
C2
C7
8*
10C3*
B16C3*
17
23
25C3*
C2
Contact
Arr.
No. of
Contacts
& Wire size
Test
Voltage
AC (RMS)
C7
8
10C3
B16C3
17
23
25C3
NOTE: See pages 59-60 for Coaxial/Power Contact Termination Data
PIN
Contact
Type
Code
R
AB
Consult Factory
K
A
B
Same as Socket
(Use C7)
C
AA
Z
1-8
L
l
L
J
M
A
M
B
M
C
M
K
M
Z
M
AA
L
L
L
K
L
C
L
A
L
B
L
Z
L
AA
SOCKET
Contact
Type
Code
R
Consult Factory
AC
F
G
Same as Pin
Same as Pin
K
Same as Pin
Same as Pin
Same as Pin
1-8
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Same as Pin
Contact
Numbers
1-2
1-2
1-7
1-7
1-7
1-7
1-7
1-7
8
1-4, 8-10
5,6,7
1-4, 8-10
5,6,7
4-16
1-3
4-16
1-3
4-16
1-3
4-16
1-3
4-16
1-3
4-16
1-3
1-17
1-23
4-25
1-3
4-25
1-3
4-25
1-3
4-25
1-3
4-25
1-3
4-25
1-3
No. of
Contacts
2
2
4
3
7
0
Contact
Numbers
1-2
1-2
1,2,4,5
3,6,7
1-7
22
2
1
L
F
G
4-25
1,3
2
22 (#20).
3 coax
23 #20
17 #20
13 #16
3 coax
7 #20
3 coax
8 #12
7 coax
2 coax
(RG-9/U)
1000 (1-7)V
1000 (1,2)V
matched
impedance
2000V
1500
(4-16)V
1000
(1-3)V
1500
(1-4,
8-10)V
2000V
1500
(4-25)V.
1000
(1-3)V
2000
(15-23).
1500
(1-14)V.
No. of
Contacts
2
2
7
7
7
7
7
7
N
7
3
7
3
13
3
13
3
13
3
13
3
13
3
13
3
17
23
22
3
22
3
22
3
22
3
22
3
22
3
Contacts
Arr. No.
C2
C2C
C2M
C7
C7A
C7B
C7B
C7M
C7X
C7AA
8
10C3
A10C3
B16C3
C16C3
G16C3
J16C3
ZE16C3
ZF16C3
17
23
25C3
F25C3
G25C3
J25C3
Q25C3
R25C3
ARINC 404
DPX
Contact Arrangement Variations Solder Type (Captive Contacts)
50
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - 144-2945-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
144-2945-000 ITT-144-2945-000 Datasheet
688Kb / 19P
   ARINC 600
144-2945-000 ITT-144-2945-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 144-2945-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com