Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1906-000 Datasheet(PDF) 92 Page - ITT Industries

Part # 143-1906-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1906-000 Datasheet(HTML) 92 Page - ITT Industries

Back Button 143-1906-000 Datasheet HTML 88Page - ITT Industries 143-1906-000 Datasheet HTML 89Page - ITT Industries 143-1906-000 Datasheet HTML 90Page - ITT Industries 143-1906-000 Datasheet HTML 91Page - ITT Industries 143-1906-000 Datasheet HTML 92Page - ITT Industries 143-1906-000 Datasheet HTML 93Page - ITT Industries 143-1906-000 Datasheet HTML 94Page - ITT Industries 143-1906-000 Datasheet HTML 95Page - ITT Industries 143-1906-000 Datasheet HTML 96Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
MIL-C-83733
DPK
Assembly/Shielded Contacts
92
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Socket
249-1826-000/MIL-C-39029/51
Size 12/RG-179B/U Cable (used in 71C15 layout
249-1826-000/MIL-C-39029/50
Size 12/RG-179B/U Cable (used in 71C15 layout
FERRULE
FERRULE
.084 MIN. DIA.
(2.13)
BODY
BODY
INSULATOR
INSULATOR
INNER SKT CONTACT
INNER PIN CONTACT
FERRULE
.403 REF.
(10.24)
INNER
CONTACT
Strip outer jacket to dimensions shown to expose outer conductor.
Slip (or install) ferrule over outer conductor against cable jacket.
Exposed portion of the outer conductor must be combed out then
folded back over ferrule.
Trim cable to dimensions, as shown. (Ferrule must butt against
cable jacket).
Insert cable,ferrule and inner contact to rear of shell and crimp
into place with M22520/5-03 crimp tool.
Install inner contact against dielectric then crimp contact and center
conductor with a M22520/2-01 cimp tool using a M22520/2-30
locator.
DIELECTRIC
OUTER CONDUCTOR SHALL
NOT EXCEED THIS EDGE
.122 MIN. DIA.
(3.10)
.122 MIN. DIA.
(3.10)
Pin
Step 1.
Step 2.
Step 3.
Step 5.
Step 4.
.148 ± .002 DIA.
(3.75 ± 0.05)
.148 ± .002 DIA.
(3.75 ± 0.05)
.046 ± .002
(1.16 ± 0.05)
.510 ± .010
(12.95 ± 0.25)
.118 ± .003
(3.00 ± 0.08)
.094 ± .001
(2.38 ± 0.02)
.340 ± .010
(8.64 ± 0.25)
.070 ± .010
(1.78 ± 0.25)
.151 MAX. DIA.
(3.84)
.616 ± .005
(15.64 ± 0.13)
.880 MAX.
(22.35)
.046 ± .002
(1.16 ± 0.50)
.495 ± .005
(12.57 ± 0.13)
.160 ± .001
(4.06 ± 0.02)
.187 ± .002 DIA.
(4.74 ± 0.05)
.187 ± .002 DIA.
(4.74 ± 0.05)
.756 MAX.
(19.20)
.084 ± .MIN. DIA.
(2.13)
Assembly Instructions


Similar Part No. - 143-1906-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1906-000 ITT-143-1906-000 Datasheet
688Kb / 19P
   ARINC 600
143-1906-000 ITT-143-1906-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1906-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com