Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1906-000 Datasheet(PDF) 35 Page - ITT Industries

Part # 143-1906-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1906-000 Datasheet(HTML) 35 Page - ITT Industries

Back Button 143-1906-000 Datasheet HTML 31Page - ITT Industries 143-1906-000 Datasheet HTML 32Page - ITT Industries 143-1906-000 Datasheet HTML 33Page - ITT Industries 143-1906-000 Datasheet HTML 34Page - ITT Industries 143-1906-000 Datasheet HTML 35Page - ITT Industries 143-1906-000 Datasheet HTML 36Page - ITT Industries 143-1906-000 Datasheet HTML 37Page - ITT Industries 143-1906-000 Datasheet HTML 38Page - ITT Industries 143-1906-000 Datasheet HTML 39Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
MIL-C-81659
DPXNA/DPXNE
Coaxial Contact Data
35
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Installation Data
1. Use basic tool M22520/5-01 with Y-211 die
(#995-0002-249) for crimping.
2. Use extraction tool No. CET-C8. An insertion tool
is not requried (See Note 5).
3. Center contact, rear insulator, crimp ring, support
bushing (not applicable to RG58/RG142 coax-
ials), seal sleeve, front insulator, shell and ferrule
are shipped unassembled in a common container.
Without Seal
Socket
Pin
Sealed
BUSHING
BUSHING
BRAID
FERRULE
.350
(8.89)
APPROX.
CRIMP AREA
FRONT INSULATOR
COAXIAL SHELL
.156 (3.96)
.146 (3.71)
CONTACT
REAR INSULATOR
.035 (0.89)
.030 (0.76)
Push ferrule under braid as far as it will go. Trim off braid extending beyond shoulder of ferrule, if necessary.
While holding ferrule in place pull crimp sleeve forward over braid untill it is tight against shoulder on ferrrule. Pull firmly
against face of ferrule to make sure it is up tight.
Trim dielectric to the .035 (0.89)/.030 (0.76) dimension.
Place front insulator over contact and then push assembly into coaxial shell.
Place parts in jaw of crimp tool. Locate jaws at start of chamber on crimp sleeve. Press sleeve firmly into coaxial shell and
crimp.
After assembled coaxial is inserted into connector, push suppurt bushing into grommet until shoulder rests on tubular
extension. Then pull sealing sleeve forward until it is snug on grommet.
A.
B.
C.
A.
B.
C.
Carefully push inner conductor through rear insulator.
While holding rear insulator firmly against ferrule, trim conductor to .156 (3.96)/.146 (3.91) dimension.
Place contact over conductor and solder.
A.
B.
C.
SEAL 2
SEAL 1
SEAL
4. Cable Assembly Instructions
Step 1 - If applicable determine which portion of
seal sleeve should be used. If Seal 2 is used, cut
off Seal 1 portion.
Step 2 - In sequence, place seal sleeve, support
bushing and crimp ring over cable jacket.
Step 3 - Trim cable per illustration.
Step 4 - Comb out braid and flare out ends to
permit entry of ferrule.
Step 5 - Complete termination per illustration.
5. To extract coaxial, push back seal sleeve and
support bushing. Slip cable into extraction tool
Push tool into insert until contacts coaxial retain-
ing shoulder. Grip both cable and tool with one
hand and pull coaxial rearward out of insert
cavity.
6. To facilitate extraction of contacts, the length of
free cable adjacent to the rear surface of the
connector should not be less than 2.000 (50.80).


Similar Part No. - 143-1906-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1906-000 ITT-143-1906-000 Datasheet
688Kb / 19P
   ARINC 600
143-1906-000 ITT-143-1906-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1906-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com