Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1906-000 Datasheet(PDF) 28 Page - ITT Industries

Part # 143-1906-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1906-000 Datasheet(HTML) 28 Page - ITT Industries

Back Button 143-1906-000 Datasheet HTML 24Page - ITT Industries 143-1906-000 Datasheet HTML 25Page - ITT Industries 143-1906-000 Datasheet HTML 26Page - ITT Industries 143-1906-000 Datasheet HTML 27Page - ITT Industries 143-1906-000 Datasheet HTML 28Page - ITT Industries 143-1906-000 Datasheet HTML 29Page - ITT Industries 143-1906-000 Datasheet HTML 30Page - ITT Industries 143-1906-000 Datasheet HTML 31Page - ITT Industries 143-1906-000 Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
MIL-C-81659
DPXNA/DPXNE
28
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
How to Order
SERIES PREFIX
DPX - ITT Designation
SHELL STYLE
B - ARINC 'B' Shell
CLASS (MIL-C-81659B, Class 1)....
NA - Non - Environmental (MIL-C-81659B, Type IV)
NE - Environmental (Mil-C-81659B, Types II and III)
In the 3 and 4 gang assemblies, the insert desig-
nation number represents cumulative (total) con-
tacts. The charts on page 30 denote shell cavity
location by layout. (If desired arrangement location
is not defined, please consult or local sales
engineering office.)
See page 35
- 00
- 01
- 02
- 03
- 17
- 22
- 23
- 29
- 30
- 33
- 37
- 39
'33' for Plug; '34' for Receptacle
'P' for Pin (Standard on '34' receptacle except
A106 layout which has reversed contact sex)
'S' for Socket (Standard on '33' plug except A106
layout which has reversed contact sex)
Standard
Standard with clinch nuts in the mounting
holes.
Standard with tabs for attaching junction
shells.
Standard with mounting holes .120 dia.
countersunk 100˚ to . 230 dia.
Combination of 01** and 02** (clinch
nuts in mounting holes - 34 only and tabs
for attaching junction shells).
Standard with clinch nuts (.33 only).
Standard with standard floating eyelets.
Standard except less grommet (NE, pin
only).
Same as - 29** except with tabs for
attaching junction shells.
Same as - 29** except with clinch nuts.
Same as - 29** except with clinch nuts
and tabs for attacting
junction shells.
Standard with standard floating eyelets
and tabs for attaching junction shells.
NOTE: For additional modification codes please consult
Customer Service.
NOTE: On 3 & 4 gang assemblies, combination layouts, the contact type designator of the A106 layout. If applicable, precedes the 67 MS
designator for standard contact sex layouts. See three (3) gang nomenclature breakdown above for 240M example (67MS
A106P).
Single Gang
Two (2) Gang
NE
A106
33
P
00
DPX
DPX
NE
104M
34
P
00
NE
240M
33
PS
00
--
-
-
-
B
NE
67MAW8
34
P
P
00
Three (3) Gang
Four (4) Gang
INSERT DESIGNATOR
SERIES PREFIX
SHELL STYLE
CLASS
CONTACT ARRANGEMENT
SHELL TYPE
CONTACT TYPE
MODIFICATION
SERIES PREFIX
TWO (2) GANG SHELL
CLASS
CONTACT ARRANGEMENT (Side A)
CONTACT TYPE
CONTACT ARRANGEMENT (Side B)
CONTACT TYPE
SHELL TYPE
SHELL STYLE
MODIFICATION
SERIES PREFIX
THREE (3) GANG SHELL
CLASS
INSERT DESIGNATOR
SHELL TYPE
CONTACT TYPE
MODIFICATION
SERIES PREFIX
FOUR (4) GANG SHELL
CLASS
INSERT DESIGNATOR
SHELL TYPE
CONTACT TYPE
MODIFICATION
CONTACT ARRANGEMENT
SHELL TYPE
CONTACT TYPE
MODIFICATION CODES
-
--
-
--
RoHS version
R - RoHS compatible
RoHS
DPX
B
R
RoHS
2
R
RoHS
3
R
RoHS
DPX 4 R


Similar Part No. - 143-1906-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1906-000 ITT-143-1906-000 Datasheet
688Kb / 19P
   ARINC 600
143-1906-000 ITT-143-1906-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1906-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com