Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8525D
Description  Current Mode Boost Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8525D Datasheet HTML 1Page - Richtek Technology Corporation RT8525D Datasheet HTML 2Page - Richtek Technology Corporation RT8525D Datasheet HTML 3Page - Richtek Technology Corporation RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RT8525D
www.richtek.com
DS8525D-00 June 2012
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 21V, CIN = 10
μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Supply
Quiescent Current
IQ
No Switching, RSW = 56kΩ
--
1.3
2
mA
Shutdown Current
ISHDN
VEN = 0V
--
10
--
μA
Under Voltage Lockout
Threshold
VUVLO
VIN Rising
--
3.8
--
V
Under Voltage Lockout
Hysteresis
ΔVUVLO
--
500
--
mV
12V Regulator
13.5V < VIN < 16V, 1mA < ILOAD < 100mA
16V < VIN < 20V, 1mA < ILOAD < 50mA
Regulator Output Voltage
VDC
20V < VIN < 25V, 1mA < ILOAD < 20mA
11.4
12
12.6
V
Dropout Voltage
VDROP
VIN − VDC, VIN = 12V, ILOAD = 100mA
--
500
--
mV
Short-Circuit Current Limit
ISC
VDC Short to GND
--
270
--
mA
Control Input
Logic-High
VIH
2
--
--
EN Threshold
Voltage
Logic-Low
VIL
--
--
0.8
V
EN Sink Current
IIH
VEN = 5V
--
5
--
μA
Absolute Maximum Ratings
(Note 1)
VIN to GND -------------------------------------------------------------------------------------------------------------------
−0.3V to 26.4V
VDC, DRV, FAULT to GND------------------------------------------------------------------------------------------------
−0.3V to 13.2V
EN, COMP, SS, FSW, FB, OVP, ISW to GND ----------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-12L 3x3 -------------------------------------------------------------------------------------------------------------- 1.667W
Package Thermal Resistance (Note 2)
WDFN-12L 3x3,
θJA -------------------------------------------------------------------------------------------------------- 60°C/W
WDFN-12L 3x3,
θJC -------------------------------------------------------------------------------------------------------- 8.2°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 4.5V to 25V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5322 GMT-G5322 Datasheet
167Kb / 2P
   Current Mode Boost Controller
G5321 GMT-G5321 Datasheet
86Kb / 1P
   Current Mode Boost Controller
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
   Buck or Buck-Boost(Inverting) Current Mode Controller
logo
Linear Technology
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
   Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Monolithic Power System...
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
   Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
   Peak Current Mode PWM Controller Boost EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com