Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1908-001 Datasheet(PDF) 59 Page - ITT Industries

Part # 143-1908-001
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1908-001 Datasheet(HTML) 59 Page - ITT Industries

Back Button 143-1908-001 Datasheet HTML 55Page - ITT Industries 143-1908-001 Datasheet HTML 56Page - ITT Industries 143-1908-001 Datasheet HTML 57Page - ITT Industries 143-1908-001 Datasheet HTML 58Page - ITT Industries 143-1908-001 Datasheet HTML 59Page - ITT Industries 143-1908-001 Datasheet HTML 60Page - ITT Industries 143-1908-001 Datasheet HTML 61Page - ITT Industries 143-1908-001 Datasheet HTML 62Page - ITT Industries 143-1908-001 Datasheet HTML 63Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
ARINC 404
DPX Solder
Coaxial Cable Assembly
59
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
ITT Cannon recommends resistance soldering for all
solder contacts, particularly for RF cable where
excessive heat will damage the dielectric. Wires
For Codes A, B, C, D, and E
1. Cut cable evenly. Trim to dimensions as shown
on page 60. Care should be taken not to injure
the conductor or dielectric.
2. Remove inner contact from coaxial assembly
and solder it to inner conductor of cable.
3. Push inner contact back into coaxial assembly.
4. Pull outer conductor over coaxial shell, and
solder.
5. Apply shrink sleeving after assembly.
For Codes I and J
1. Cut cable evenly. Trim to dimensions as shown
on page 60. Care should be taken not to injure
the conductor or dielectric.
2. Comb braid, tin conductor and remove flux.
3. Remove solder pot cover. Insert cable and
solder conductor to contact. The dielectric
should butt against contact solder pot.
4. Replace solder pot cover and solder braid to
ferrule.
5. Apply shrink sleeving after assembly.
For Codes K
1. Cut cable evenly. Trim to dimensions as shown
on page 60. Care should be taken not to injure
the conductor or dielectric.
2. Unscrew cap and remove spacer and inner
contact from coaxial assembly.
3. Push cable through center of cap and spacer.
4. Solder inner. contact to inner conductor of
cable.
5. Push inner contact back into coaxial shell as-
sembly and attach cap.
6. Separate outer conductor of cables into two
pigtails 180˚ apart.
7. Attach on pigtail to each end of cap strip and
solder.
8. Apply shrink sleeving after assembly.
For Codes Z and AA
1. Cut cable evenly. Trim to dimensions as shown
on page 60. Care should be taken not to injure
the conductor or dielectric.
2. Solder inner conductor to coaxial contact
through side slot in coaxial with outer sleeve
pushed back on cable.
3. Pull sleeve forward over braid and solder
through holes in sleeve.
4. Solder sleeve to coaxial body.
should be pre-tinned. Bushing, endbells, and junc-
tion shells (where applicabe) must be slipped over
wire bundles before soldering is started. Consult
JACKET
2.
3.
4.
CAP
SPACER
INNER CONDUCTOR
INNER CONTACT
OUTER SLEEVE
CONTACT
REAR INSULATOR
SHELL
ASSY
FRONT INSULATOR
CAP STRIP
OUTER
CONDUCTOR
OUTER CONDUCTOR
COAXIAL SHELL
INNER CONDUCTOR
INNER CONTACT
factory for types not shown. The mechanical steps
in wiring coaxials described below.


Similar Part No. - 143-1908-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1908-001 ITT-143-1908-001 Datasheet
688Kb / 19P
   ARINC 600
143-1908-001 ITT-143-1908-001 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1908-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com