Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1908-001 Datasheet(PDF) 56 Page - ITT Industries

Part # 143-1908-001
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1908-001 Datasheet(HTML) 56 Page - ITT Industries

Back Button 143-1908-001 Datasheet HTML 52Page - ITT Industries 143-1908-001 Datasheet HTML 53Page - ITT Industries 143-1908-001 Datasheet HTML 54Page - ITT Industries 143-1908-001 Datasheet HTML 55Page - ITT Industries 143-1908-001 Datasheet HTML 56Page - ITT Industries 143-1908-001 Datasheet HTML 57Page - ITT Industries 143-1908-001 Datasheet HTML 58Page - ITT Industries 143-1908-001 Datasheet HTML 59Page - ITT Industries 143-1908-001 Datasheet HTML 60Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
DPXMA (LIF) Crimp Contacts
DPXMA Thermocouple Contacts
Contact Size
and Part Numbers
Part Number
Size
Pin
Socket
MIL
Spec
ITT
Cannon
MIL
Spec
MIL
Spec
ITT
Cannon
Se-
lec
tor#
Tool P/N
Locator P/N
ITT Cannon
Insertion
Extraction
Ins./Ext.
AWG
Insul
Dia. Max.
Strip
Length
Crimp Tooling
Insertion/
Extraction Tooling
Wire Size
Contact Size
and Part Numbers
Part Number
Size
Pin
Socket
MIL
Spec
ITT
Cannon
MIL
Spec
MIL
Spec
ITT
Cannon
Se-
lec
tor#
Tool P/N
Locator P/N
ITT Cannon
Insertion
Extraction
Ins./Ext.
AWG
Insul
Dia. Max.
Strip
Length
Crimp Tooling
Insertion/
Extraction Tooling
Wire Size
DPXA
DPXB
Two (2) pieces, solder pot.
LITTLE CAESAR rear release contact
retention assembly, crimp pot.
LITTLE CAESAR assembly, solder pot,
LITTLE CAESAR rear release contact
retention assembly, crimp pot, with
separator.
Ring-Loc, solder pot,
Environmental, connector.
Two (2) pieces, solder pot (Standard
2 pieces insert).
Ring-Loc, solder pot. (See MS)
(MAS) LITTLE CAESAR assembly,
Solder pot.
222
030-2259-000
030-2273-000
030-2280-000
030-2286-000
031-1287-000
M22520
/2-01
M22520
2-23
M81969
/1-01
CIT-DPXMA-22-1
Metal
(070256-0000)
CET-DPXMA-22
Metal
(070317-0000)
(980-0004-804)
Metal Tip
26
24
22
.054
(1.37)
.130/.110
(3.30/2.54)
.167/.147
(4.24/3.73)
.270/.230
(6.86/5.84)
.270/.230
(6.86/5.84)
.071
(1.80)
.103
(2.62)
.135
(3.43)
22
20
20
18
16
14
12
(980-0004-805)
Metal Tip
(980-0004-806)
Metal Tip
CIET-12
Plastic
(274-7003-000)
CET-16-9
Plastic
(323-7001-000)
CET-12-4
Plastic
(323-7002-000)
--
-
-
M81969
/1-02
M81969
/1-03
M81969
/14-04
995-0002
-015
995-0001
-604
995-0001
-736
995-0002
-027
M22520
/2-08
M22520
/1-02
M22520
/1-11
995-0001
-584
995-0001
-584
995-0001
-585
995-0001
-585
3
3
4
6
7
4
5
6
7
8
M22520
/2-01
M22520
1-01
M22520
1-01
031-1302-000
031-1303-000
031-1308-000
2020HD
1616
1212
2222
Alumel
030-1975-009
031-1113-009
M22520
/2-01
995-0001
-584
M22520
/2-23
995-0002
-015
(980-0004-804)
Metal Tip
.054
(1.37)
.130/110
(3.30/2.54)
26
24
22
M81969
/1-01
CIT-DPXMA-22-1
Metal
(070256-0000)
CET-DPXMA-22
Metal
(070317-0000)
3
3
4
031-1113-010
030-1975-010
2222
Chromel
(MA) LITTLE CAESAR assembly,
crimp pot, (Cat. A)
Metal plates.
Rear release, crimp (MB type only).
Standard 2 pieces, solder pot,
both sides,
Ex: DPX2-57S57S-33-0001
Standard LITTLE CAESAR asembly,
crimp pot both sides Ring-loc coax.
EX:DPX2MA-57S57S-33-0001
LITTLE CAESAR assembly, soler po,
both sides Ring-Loc coax.
EX: DPX2MAS-57S57S-33-001
Ring-Loc, solder pot. Layout 25C3
pin only and 40C1 Pin and socket.
EX: DPX2MS-40W1S40W1S-33-0001
A side: (MAS) LITTLE CAESAR
assembly, solder pot (32W2S)
B side; Standard 2 Piece, solder
pot (57S).
Ex: DPX2CA-32W2S57S-33-0001
A side: Standard solder pot.
B side: Rear release crimp with separator.
Ex: DPX2AF-13S26S-33B-0001
A side: Ring-Loc solder pot (40W1S).
B Side: 2 Piece, Solder Pot (57S).
Ex: DPX2BA-40W1S57S-33-0001
A side: (MA) LITTLE CAESAR
assembly, Crimp (67S).
B Side: 2 Piece, solder pot (57S).
Ex: DPX3DA-67S57S-33-0001
A side: Metal plates for grounding
(Coaxes).
B side: Ring-Loc, solder pot.
Ex: DPX2EB-C1P40W1P-34B-0001
DPXAMA
DPXBMA
*NOTE: When any two of these letters are used in combination, the
inserts ("A" and "B") side have the style contacts indicated
(see table opposite for examples).
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Class
None
D*
DPX2CA-/
DPX2AC-
(Reverse
CA)
DPX2AF
DPX2BA
DPX2DA
DPX2EB
E*
F*
DPX2-
DPX2MA
DPX2MAS
DPX2MS-
MA
MAS
MB
MS
ME
A*
B*
C*
Series
DPX Insert Type
Class
Series
DPX Insert Type
Class
Series
DPX Insert Type
ARINC 404
DPX*MA/ME
Description of Modification Codes for Special Connector Insert Assemblies
56
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Contact and Termination Tooling Data


Similar Part No. - 143-1908-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1908-001 ITT-143-1908-001 Datasheet
688Kb / 19P
   ARINC 600
143-1908-001 ITT-143-1908-001 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1908-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com