Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-1908-000 Datasheet(PDF) 46 Page - ITT Industries

Part # 143-1908-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1908-000 Datasheet(HTML) 46 Page - ITT Industries

Back Button 143-1908-000 Datasheet HTML 42Page - ITT Industries 143-1908-000 Datasheet HTML 43Page - ITT Industries 143-1908-000 Datasheet HTML 44Page - ITT Industries 143-1908-000 Datasheet HTML 45Page - ITT Industries 143-1908-000 Datasheet HTML 46Page - ITT Industries 143-1908-000 Datasheet HTML 47Page - ITT Industries 143-1908-000 Datasheet HTML 48Page - ITT Industries 143-1908-000 Datasheet HTML 49Page - ITT Industries 143-1908-000 Datasheet HTML 50Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
DPXA-33
DPXA-34
DPXA-33 ARINC Shell
DPXA-34 ARINC Shell
1.614 +_.006
(41.00 +_ 0.15)
.750 +_.005
(19.05 +_ 0.13)
.995 +_.005
(25.27 +_ 0.13)
1.060
(26.92)
All tolerances +_ .015(0.38) unless otherwise noted.
.125 (3.18)
.750 (19.05)
1.157 (29.39)
.782 (19.86)
.125 (3.18)
.344 (8.74)
MAX.GROMMET
EXTENSION
MAX.GROMMET
EXTENSION
1.061
(26.95)
1.405
(35.69)
.060
(1.52)
.125
(3.18)
.954
(24.23)
.766
(19.46)
.125 (3.18)
1.541 (39.14) MAX.
2.320 (58.93) MAX. WITH COAX
NOTE: DPXME AND
DPXNE GROMMETS ARE
APPLICABLE TO ALL
SHELL SIZES
1.634 (41.50) MAX.
2.413 (61.29) MAX. WITH COAX
NOTE - ARINC requires that DPXB shells are mounted with the
polarizing posts at the top. See pages 71-72
2.062 +_.005
(52.38 +_ 0.13)
1.750 +_.016
(44.45 +_ 0.41)
2.062 +_.005
(52.38 +_ 0.13)
.720 +_.005
(18.29 +_ 0.13)
1.720 +_.005
(43.69 +_ 0.13)
.718 +_.005
(18.24 +_ 0.13)
1.750 +_.005 TYP.
(44.45 +_ 0.13)
.720 +_.005
(18.29 +_ 0.13)
1.720 +_.005
(43.69 +_ 0.13)
.718 +_.005
(18.24 +_ 0.13)
2.000 (50.80)
2.047
(52.00)
2.000 (50.80)
TWO HOLES
.120 (3.05) DIA. FOR
MTG. REF. ONLY
POLARIZING POST
1.437 (36.50)
REF.
.750 +_.005
(19.05 +_ 0.13)
1.125 +_.015
(28.58 +_ 0.38)
.125 R.TYP
(3.18)
.125 R.TYP
(3.18)
MTG.DATUM
MTG.DATUM
2.012
(51.11)
.120 (3.05) DIA.
4 MTG. HOLES
3 POLARIZING
KEYS
TWO HOLES .120 (3.05)
DIA. FOR MTG.
REF. ONLY
.187 R.TYP
(4.75)
2.312
(58.73)
1.125
(28.58)
2.312 (58.73)
.120 (3.05)DIA.
4MTG. HOLES
.120 (3.05)DIA.
4MTG. HOLES
.120 (3.05) & C' SUNK
82 X.230 (5.84) DIA.
4 HOLES
ARINC 404
DPX
Single Gang
46
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - 143-1908-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1908-000 ITT-143-1908-000 Datasheet
688Kb / 19P
   ARINC 600
143-1908-000 ITT-143-1908-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1908-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com