Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXX0805C1A_N Datasheet(PDF) 1 Page - OptoSupply International

Part # OSXX0805C1A_N
Description  2.0x1.25x1.0mm SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXX0805C1A_N Datasheet(HTML) 1 Page - OptoSupply International

  OSXX0805C1A_N Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
2
2..0
0x
x1
1..2
25
5x
x1
1..0
0m
mm
m S
SM
MD
D
OSXX0805C1A_N
Features
Outline Dimension
Single chip
2.0x1.25x1.0mm(0805) standard package.
Suitable for all SMT assembly methods.
Compatible with infrared and vapor phase
reflow solder process.
This product doesn’t contain restriction
Substance, comply ROHS standard.
Compatible with automatic placement
equipment.
Applications
Automotive : Dashboards, stop lamps,
turn signals.
Backlighting : LCDs, Key pads advertising.
Absolute Maximum Rating
(Ta=25℃)
Directivity
Value
Item
Symbo
l
WT/MT /BL
HR/YG /YL
Unit
DC Forward Current
IF
30
30
mA
Pulse Forward Current*
IFP
100
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
108
78
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +85
Lead Soldering Temperature
Tsol
260
/5sec
-
0
0
*Pulse width Max 0.1ms, Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25℃)
VF (V)
IR(µA)
Iv(mcd)
λD(nm)
2θ1/2(deg)
Min.
Typ.
Max.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Part Number
Color
IF=20mA
VR=5V
IF=20mA
OSWT0805C1A_N
White
WT
-
3.3
3.6
100
350
450
-
X:0.29, Y:0.29
120
OSBL0805C1A_N
Blue
BL
-
3.2
3.6
100
42
80
-
460
465
475
120
OSTG0805C1A_N
True green TG
3.3
3.6
100
400
450
-
520
525
530
120
OSYG0805C1A_N Yellow green YG
-
2.0
2.6
100
20
35
-
564
570
578
120
OSYL0805C1A_N
Yellow
YL
-
2.1
2.6
100
100
120
-
590
595
600
120
OSOR0805C1A_N
Orange
OR
-
2.0
2.6
100
100
120
-
600
605
610
120
OSHR0805C1A_N
Red
HR
-
2.0
2.6
100
120
150
-
620
625
630
120
Note: * Vf tolerance: ±0.05V
* Dominant wavelength tolerance: ±1nm
* Luminous intensity tolerance:±10%
LED & Application Technologies


Similar Part No. - OSXX0805C1A_N

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX0805C1C OPTOSUPPLY-OSXX0805C1C Datasheet
84Kb / 1P
   2.0x1.25x1.0mm SMD
OSXX0805C1E_VER.A.1 OPTOSUPPLY-OSXX0805C1E_VER.A.1 Datasheet
239Kb / 2P
   2.0x1.25x0.8mm smd
More results

Similar Description - OSXX0805C1A_N

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX0805C1C OPTOSUPPLY-OSXX0805C1C Datasheet
84Kb / 1P
   2.0x1.25x1.0mm SMD
OSG80805C1C OPTOSUPPLY-OSG80805C1C Datasheet
84Kb / 1P
   2.0x1.25x1.0mm SMD
OSG50805C1C OPTOSUPPLY-OSG50805C1C Datasheet
84Kb / 1P
   2.0x1.25x1.0mm SMD
OSB50805C1C OPTOSUPPLY-OSB50805C1C Datasheet
84Kb / 1P
   2.0x1.25x1.0mm SMD
logo
BRIGHT LED ELECTRONICS ...
BL-HA135A-TRB BRIGHT-BL-HA135A-TRB Datasheet
259Kb / 7P
   Amber Mono-color type 2.0x1.25x1.0mm(0805) standard package.
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com