Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

320-0051-000 Datasheet(PDF) 62 Page - ITT Industries

Part # 320-0051-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

320-0051-000 Datasheet(HTML) 62 Page - ITT Industries

Back Button 320-0051-000 Datasheet HTML 58Page - ITT Industries 320-0051-000 Datasheet HTML 59Page - ITT Industries 320-0051-000 Datasheet HTML 60Page - ITT Industries 320-0051-000 Datasheet HTML 61Page - ITT Industries 320-0051-000 Datasheet HTML 62Page - ITT Industries 320-0051-000 Datasheet HTML 63Page - ITT Industries 320-0051-000 Datasheet HTML 64Page - ITT Industries 320-0051-000 Datasheet HTML 65Page - ITT Industries 320-0051-000 Datasheet HTML 66Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
ARINC 404
DPX*ME Crimp
DPX*MA/ME Coaxial Contact Data (for environmental requirements)
62
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Components/Accessories
RING TYPE RETENTION (A32W2 & A40W1 CONTACT ARRANGEMENTS)
Coaxial Contact Assembly Recommendations
(For Codes A, B, C, D, E, J, K, L and P)
Part Number*
Without Seal (MA)
Sealed (ME)
Seal 1
Seal 2
Ins. Dia.
Size/Max.
'A' Trim
Dim.
Crimp
Tool
Cable Trim
Dimensions
WITHOUT SEAL
SEALED
Cable Accommodation
NOTE:
32W2 (MA Version)
A32W2 (ME Version)
1
2
3
4
5
6
1
2
3
4
5
6
7
7
8
9
10
11
12
8
9
10
11
12
13
13
14
15
16
14
15
16
17
18
17
18
19
20
19
20
21
22
21
22
23
23
24
24
25
26
27
28
29
25
26
27
28
29
30
30
31
32
33
34
35
36
37
38
39
A1
A1
A2
40W1 (MA Version)
A40W1 (ME Version)
.420 (10.67)
.400 (10.16)
A
(For Codes A, B, C, D, E, J, K, L and P)
SOCKET
PIN
SOCKET
PIN
BUSHING
BUSHING
SEAL
SEAL 2
SEAL 1
.330 (8.38)
.310 (7.86)
P-249-1397-001
S-249-1398-003
P-249-1399-001
S-249-1400-003
P-249-1401-001
S-249-1402-003
P-249-1403-001
S-249-1404-003
P-249-1405-001
S-249-1406-003
*P for pin, S for socket
†Unsealed accomodates both Seal 1 & Seal 2 Cables.
††For use with connectors supplied less grommet ( Code 29**, etc.)
1. Center contact, rear insulator, crimp ring, support bushing and seal sleeve are packaged separately and
shipped with the coaxial assembly.
2. Use impact extraction tool no. CET-C4 (038869-0004). An insertion tool is not required. (See Item 4).
3. Cable Assembly Instructions
4. To extract coaxial, push back seal sleeve and support bushing. Then push out coaxial from engaging end
with CET-C4 (038869-0004) impact tool.
5. When crimping with CA58073 crimp tool, care should be taken to avoid flaring the front end of the
crimp ring. Place Crimp jaw so that the second tooth of the indentors is over the end of the crimp ring.
6. To facilitate extraction of contacts and avoid splaying the length of free cable adjacent to the rear
surface of the connector should not be less then 2.000 (50.80).
Step 1- If applicable, determine which portion of seal sleeve should be used. If seal 2 is used, cut off
seal 1 portion
Step 2 - In sequence, place seal sleeve, support bushing and crimp ring over cable jacket.
Step 3 - Trim cable per illustration.
Step 4 - Place rear insulator over dielectric.
Step 5 - Solder innerconductor to center contact.
Step 6 - Insert soldered cable firmly into coaxial with shielding over coaxial shell.
Step 7 - Pull crimp ring forward until stopped and crimped.
Step 8 - Insert coaxial assembly into connector until engaged. Push support bushing into grommet
until shoulder rest on tublular extension. Then pull seal sleeve forward until it is snug
against grommet.
P-249-1397-002
S-249-1398-002
P-249-1399-002
S-249-1400-002
P-249-1401-002
S-249-1402-002
P-249-1403-002
S-249-1404-002
P-249-1405-002
S-249-1406-002
X
RG58B
RG195
RG179B
RG179B, RG196
RG59B, RG62A
X
RG180B
RG174, RG179B,
RG316
X
.249 (6.32)
.200 (5.08)
.158 (4.01)]
.113 (2.87)
.083 (2.11)
.435 (11.05)
.415 (10.54)
.460 (11.68)
.440 (11.18)
.460 (11.68)
.440 (11.18)
.460 (11.68)
.440 (11.18)
.480 (12.19)
.460 (11.68)
CA58073
CA58073
CA58073
CCT-406M
CCT-406M
The A32W2 & A40W1 (Ring Type Retention); AW8 & A32W4 (LITTLE CAESAR Renention) Coaxial Contact arrangements have been
redesigned to provide ease of insertion/removal of the coaxial contacts. Sealing is accomplished with the addiction of sealing sleeves
provided with the coaxial contact assembly.


Similar Part No. - 320-0051-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
320-0051-000 ITT-320-0051-000 Datasheet
688Kb / 19P
   ARINC 600
320-0051-000 ITT-320-0051-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 320-0051-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com