Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82551200 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82551200
Description  1206 SMD VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82551200 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82551200 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551200 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551200 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551200 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551200 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Artikelnummer / part number :
82551200
Datum / Date :
31.07.06
Bezeichnung :
description :
1206 SMD VARISTOR
Lead Free
SMD size:
1206
A Mechanische Abmessungen / dimensions :
SIZE
(Unit : mm)
B Elektrische Eigenschaften / electrical properties :
TECHNICAL DATA
Clamping
Peak
Breakdown
Voltage
Current
Voltage
AC
DC
V (*2)
A (*3)
J (*4)
V (*1)
pF (*4)
82551200
20
26
54
100
0.5
33 ( 29.7~36.3 )
490
* 1 The varistor voltage was measured at 1 mA current , tolerance at 12~18V(+-15%),exceed 22V (+-10%)
Or tolerance to specify at :
-
* 2 The Clamping voltage tolerance at 12~18V(+-15%),exceed 22V (+-10%).
Clamping voltage measured at standard current (A) :
1.0 A
* 3 The Peak Current was tested at 8/20 us waveform
* 4. The capacitance value and Energy only for customer reference, it’s not formal specification
Capacitance value measured at standard frequency :
1 kHz
SURGE LEVEL IEC61000-4-5
Severity Level
(kV)
1
0,5
2
1
3
2
4
4
X
Special
Wave during
T1
T2
8/20 s
10 s
1000 s
10/700 s CCITT
10 s
700 s
10/1000 s
10 s
1000 s
REFERENCE DATA
Response time
Trise
<
1
ns
Leakage current at Vv × 80%
I v v
<
50
uA
Leakage current at Vv × 80% (After reliability Test)
I v v A
<
200
uA
Operating ambient temperature
-40~+85
Storage temperature
-50~+125
Max. temperature solder
260
OTHER DATA
Body
ZnO
End termination
Ag/Sn/Ni
Packaging
Reel
Complies with Standard
IEC61000-4-5
Procedure
Solgel
Marking
None
Kunde / customer :
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
ROHS Compliant
Working
Voltage
Part Number
Capacitance
1206
http://www.we-online.com
Spezifikation für Freigabe / specification for release
Energy
SIZE
W
L
T
a
0402
0.5
1.0
0.6
0.25
0603
0.8
1.6
0.9
0.3
0805
1.25
2.0
1.2
0.3
1206
1.6
3.2
1.5
0.5
1210
2.5
3.2
1.5
0.5
1812
3.2
4.5
2.0
0.5
2220
5.0
5.7
2.5
0.5
PAGE/SEITE 1 - TO/VON 5


Similar Part No. - 82551200

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82551250 WURTH-82551250 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
More results

Similar Description - 82551200

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82551250 WURTH-82551250 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82551170 WURTH-82551170 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82531400 WURTH-82531400 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82551300 WURTH-82551300 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82531040 WURTH-82531040 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82531140 WURTH-82531140 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82551140 WURTH-82551140 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82551500 WURTH-82551500 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82551600 WURTH-82551600 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
logo
Vishay Siliconix
MLV1206E3 VISHAY-MLV1206E3_V01 Datasheet
69Kb / 3P
   SMD 1206 Multilayer Varistor
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com