Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2014AN Datasheet(PDF) 2 Page - Sony Corporation

Part # SGM2014AN
Description  GaAs N-channel Dual Gate MES FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SGM2014AN Datasheet(HTML) 2 Page - Sony Corporation

  SGM2014AN Datasheet HTML 1Page - Sony Corporation SGM2014AN Datasheet HTML 2Page - Sony Corporation SGM2014AN Datasheet HTML 3Page - Sony Corporation SGM2014AN Datasheet HTML 4Page - Sony Corporation SGM2014AN Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
– 2 –
SGM2014AN
0
1
2
3
4
5
6
0
10
20
30
40
VDS – Drain to source voltage [V]
ID vs. VDS
(VG2S = 1.5V)
VG1S
= 0V
–0.3V
–0.6V
–0.9V
–1.2V
–1.5V
–2.0
–1.5
–1.0
–0.5
0
0
10
15
20
25
VG1S – Gate 1 to source voltage [V]
ID vs. VG1S
(VDS = 5V)
VG2S
= 1.5V
1.0V
0.5V
0V
–0.5V
–1.5V
5
–1.0V
Typical Characteristics (Ta = 25°C)
Electrical Characteristics
(Ta = 25°C)
Item
Drain cut-off current
Gate 1 to source current
Gate 2 to source current
Drain saturation current
Gate 1 to source cut-off voltage
Gate 2 to source cut-off voltage
Forward transfer admittance
Input capacitance
Feedback capacitance
Noise figure
Associated gain
IDSX
IG1SS
IG2SS
IDSS
VG1S (OFF)
VG2S (OFF)
gm
Ciss
Crss
NF
Ga
VDS = 12V
VG1S = –4V
VG2S = 0V
VG1S = –4.5V
VG2S = 0V
VDS = 0V
VG2S = –4.5V
VG1S = 0V
VDS = 0V
VDS = 5V
VG1S = 0V
VG2S = 0V
VDS = 5V
ID = 100µA
VG2S = 0V
VDS = 5V
ID = 100µA
VG1S = 0V
VDS = 5V
ID = 10mA
VG2S =1.5V
f = 1kHz
VDS = 5V
ID = 10mA
VG2S = 1.5V
f = 1MHz
VDS = 5V
ID = 10mA
VG2S = 1.5V
f = 900MHz
8
13
15
17
0.9
25
1.5
18
50
–8
–8
28
–2.5
–2.5
2
50
2.5
µA
µA
µA
mA
V
V
ms
pF
fF
dB
dB
Symbol
Condition
Min.
Typ.
Max.
unit


Similar Part No. - SGM2014AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
More results

Similar Description - SGM2014AN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Sony Corporation
3SK165A SONY-3SK165A Datasheet
59Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK147 SONY-3SK147 Datasheet
510Kb / 4P
   GAAS N-CHANNEL DUAL-GATE MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
   GaAs N-channel Dual-Gate MES FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com