Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2803B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA2803B
Description  Earth Leakage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2803B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA2803B_11 Datasheet HTML 1Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 2Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 3Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 4Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 5Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 6Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 7Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 8Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA2803B • Rev. 1.0.7
2
Block Diagram
Figure 1. Block Diagram
Application Circuit
Figure 2.
Full-Wave Application Circuit
Figure 3.
Half-Wave Application Circuit
Application Information
(Refer to full-wave application circuit in Figure 2)
Figure 2 shows the KA2803B connected in a typical
leakage current detector system. The power is applied
to the VCC terminal (Pin 8) directly from the power line.
The resistor RS and capacitor CS are chosen so that Pin
8 voltage is at least 12V. The value of CS is
recommended above 1µF.
If the leakage current is at the load, it is detected by the
zero current transformer (ZCT). The output voltage
signal of ZCT is amplified by the differential amplifier of
the KA2803B internal circuit and appears as a half-cycle
sine wave signal referred to input signal at the output of
the amplifier. The amplifier closed-loop gain is fixed
about 1000 times with internal feedback resistor to
compensate
for
zero
current
transformer
(ZCT)
variations. The resistor RL should be selected so that
the breaker satisfies the required sensing current. The
protection resistor RP is not usually used when high
current is injected at the breaker; this resistor should be
used
to
protect
the
earth
leakage
detector
IC
(KA2803B). The range of RP is from several hundred
to several k.
Capacitor C1 is for the noise canceller and a standard
value of C1 is 0.047µF. Capacitor C2 is also a noise
canceller capacitance, but it is not usually used.
When high noise is present, a 0.047µF capacitor may be
connected between Pins 6 and 7. The amplified signal
finally appears at the Pin 7 with pulse signal through the
internal latch circuit of the KA2803B. This signal drives
the gate of the external SCR, which energizes the trip
coil, which opens the circuit breaker. The trip time of the
breaker
is
determined
by
capacitor
C3 and the
mechanism breaker. This capacitor should be selected
under 1µF to satisfy the required trip time. The full-wave
bridge supplies power to the KA2803B during both the
positive and negative half cycles of the line voltage. This
allows the hot and neutral lines to be interchanged.


Similar Part No. - KA2803B_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2803BD FAIRCHILD-KA2803BD Datasheet
147Kb / 12P
   Earth Leakage Detector
More results

Similar Description - KA2803B_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B Datasheet
147Kb / 12P
   Earth Leakage Detector
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
   Earth Leakage Detector
January 2014 Rev. 1.0.8
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
   Earth Leakage Detector
August, 2020 ??Rev. 7
logo
First Silicon Co., Ltd
CC54123P FS-CC54123P Datasheet
674Kb / 7P
   Earth Leakage Detector
logo
Fairchild Semiconductor
KA2807 FAIRCHILD-KA2807 Datasheet
47Kb / 6P
   Earth Leakage Detector
logo
First Silicon Co., Ltd
FA2803P FS-FA2803P Datasheet
611Kb / 7P
   Earth Leakage Detector
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
   Earth Leakage Current Detector
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com