Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0370RLA Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSQ0370RLA
Description  Green Mode Fairchild Power Switch (FPS??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0370RLA Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSQ0370RLA_12 Datasheet HTML 1Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 2Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 3Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 4Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 5Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 6Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 7Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 8Page - Fairchild Semiconductor FSQ0370RLA_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0370RNA / FSQ0370RLA • Rev. 1.0.2
3
Pin Assignments
Figure 3.
Pin Configuration (Top View)
Pin Definitions
Pin#
Name
Description
1
GND
SenseFET source terminal on the primary side and internal control ground.
2
Vcc
Positive supply voltage input. Although connected to an auxiliary transformer winding,
current is supplied from pin 5 (Vstr) via an internal switch during startup (see Figure 2).
It is not until VCC reaches the UVLO upper threshold (12V) that the internal startup switch
opens and device power is supplied via the auxiliary transformer winding.
3
Vfb
The feedback voltage pin is the non-inverting input to the PWM comparator. It has a
0.9mA current source connected internally, while a capacitor and optocoupler are typically
connected externally. A feedback voltage of 6V triggers overload protection (OLP). There
is a delay while charging external capacitor Cfb from 3V to 6V using an internal 5µA
current source. This delay prevents false triggering under transient conditions, but allows
the protection mechanism to operate in true overload conditions.
4
Ipk
This pin adjusts the peak current limit of the SenseFET. The 0.9mA feedback current
source is diverted to the parallel combination of an internal 2.8k
Ω resistor and any
external resistor to GND on this pin. This determines the peak current limit. If this pin is
tied to Vcc or left floating, the typical peak current limit is 1.1A.
5
Vstr
This pin is connected to the rectified AC line voltage source. At startup, the internal switch
supplies internal bias and charges an external storage capacitor placed between the Vcc
pin and ground. Once VCC reaches 12V, the internal switch is opened.
6, 7, 8
Drain
The drain pins are designed to connect directly to the primary lead of the transformer and
are capable of switching a maximum of 700V. Minimizing the length of the trace
connecting these pins to the transformer decreases leakage inductance.


Similar Part No. - FSQ0370RLA_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0370RNA FAIRCHILD-FSQ0370RNA Datasheet
938Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
FSQ0370RNA FAIRCHILD-FSQ0370RNA Datasheet
970Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSQ0370RLA_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com