Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBH0170W Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSBH0170W
Description  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170W Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSBH0170W Datasheet HTML 1Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 2Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 3Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 4Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 5Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70WA/0170W/0270W • Rev. 1.0.2
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDRAIN
Drain Pin Voltage
(5,6)
FSBH0F70WA
700
V
FSBH0170W
FSBH0270W
IDM
Drain Current Pulsed
(7)
FSBH0F70WA
1.5
A
FSBH0170W
4.0
FSBH0270W
8.0
EAS
Single Pulsed Avalanche Energy
(8)
FSBH0F70WA
10
mJ
FSBH0170W
50
FSBH0270W
140
VDD
DC Supply Voltage
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VIN
VIN Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
700
V
PD
Power Dissipation (TA<50°C)
1.5
W
ΘJA
Junction-to-Air Thermal Resistance
80
°C/W
ψJT
Junction-to-Top Thermal Resistance
(9)
20
°C/W
TJ
Operating Junction Temperature
Internally limited
(10)
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
ESD
Human Body Model
(All Pins Except HV Pn): JESD22-A114
FSBH0F70WA
5.0
kV
FSBH0170W
5.0
FSBH0270W
5.0
Charged Device Model
(All Pins Except HV Pin): JESD22-C101
FSBH0F70WA
2.0
FSBH0170W
2.0
FSBH0270W
2.0
Notes
:
5.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
6.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
7.
Non-repetitive rating: pulse width is limited by maximum junction temperature.
8.
L = 51mH, starting TJ = 25
°C.
9.
Measured on the package top surface.
10. Internally Limited of TJ refers to TOTP
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Similar Part No. - FSBH0170W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0170 FAIRCHILD-FSBH0170 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170 FAIRCHILD-FSBH0170 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170/A FAIRCHILD-FSBH0170/A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSBH0170W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com