Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU20N06L Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQU20N06L
Description  60V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU20N06L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQU20N06L_09 Datasheet HTML 1Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 2Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 3Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 4Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 5Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 6Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 7Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 8Page - Fairchild Semiconductor FQU20N06L_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
Rev. A1. May 2009
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Charge
VGS
5V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
5V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
5V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
5V
VDS
RL
DUT
RG
VGS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p


Similar Part No. - FQU20N06L_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU20N06LE FAIRCHILD-FQU20N06LE Datasheet
656Kb / 9P
   60V LOGIC N-Channel MOSFET
FQU20N06LTU FAIRCHILD-FQU20N06LTU Datasheet
892Kb / 8P
   100% Avalanche Tested
More results

Similar Description - FQU20N06L_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
FQP50N06L FAIRCHILD-FQP50N06L Datasheet
647Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF20N06L FAIRCHILD-FQPF20N06L Datasheet
661Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU20N06L KERSEMI-KSMU20N06L Datasheet
1Mb / 8P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQP30N06L FAIRCHILD-FQP30N06L Datasheet
623Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM50N06L KERSEMI-KSM50N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
KSM30N06L KERSEMI-KSM30N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com