Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF11N40C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQPF11N40C
Description  400V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF11N40C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQPF11N40C_08 Datasheet HTML 1Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 2Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 3Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 4Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 5Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 6Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 7Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 8Page - Fairchild Semiconductor FQPF11N40C_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FQP11N40C/FQPF11N40C Rev. C1
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9-1. Maximum Safe Operating Area
Figure 9-2. Maximum Safe Operating Area
of FQP11N40C
of FQPF11N40C
Figure10.MaximumDrainCurrent
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250µA
T
J, Junction Temperature [°C]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 5.25 A
T
J, Junction Temperature [°C]
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
100 ms
10 µs
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25°C
2. T
J = 150°C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
100 ms
10 µs
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25°C
2. T
J = 15°C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
10
12
T
C, Case Temperature [°C]


Similar Part No. - FQPF11N40C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF11N40CT FAIRCHILD-FQPF11N40CT Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
More results

Similar Description - FQPF11N40C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com