Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF8N80C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQPF8N80C
Description  800V N-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N80C Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FQPF8N80C_09 Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 8Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 9Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 10Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 11Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FQP8N80C/FQPF8N80C/FQPF8N80CYDTU Rev. A
www.fairchildsemi.com
7
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr iv e r
R G
S am e T y pe
as D U T
V GS
• dv / dt c o nt r olled by R G
•I SD c ont r olle d by puls e per iod
V DD
L
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D iod e
Fo r w a r d V o lt a g e D r o p
V SD
I FM , B o dy D iode F or w ar d C ur r en t
B od y D io de R e v er s e C ur r en t
I RM
B od y D iode R ec ov e r y dv / d t
di/ dt
D =
G a t e P u ls e W idt h
G a t e Pu ls e Pe r io d
--- --------- ---------- ----
DU T
V DS
+
_
Dr iv e r
R G
S am e T y pe
as D U T
V GS
• dv / dt c o nt r olled by R G
•I SD c ont r olle d by puls e per iod
V DD
LL
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D iod e
Fo r w a r d V o lt a g e D r o p
V SD
I FM , B o dy D iode F or w ar d C ur r en t
B od y D io de R e v er s e C ur r en t
I RM
B od y D iode R ec ov e r y dv / d t
di/ dt
D =
G a t e P u ls e W idt h
G a t e Pu ls e Pe r io d
--- --------- ---------- ----
D =
G a t e P u ls e W idt h
G a t e Pu ls e Pe r io d
--- --------- ---------- ----


Similar Part No. - FQPF8N80C_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF8N80C FAIRCHILD-FQPF8N80C Datasheet
906Kb / 10P
   800V N-Channel MOSFET
FQPF8N80C FAIRCHILD-FQPF8N80C Datasheet
1Mb / 10P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N80C ISC-FQPF8N80C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF8N80C_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com