Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF8N80C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQPF8N80C
Description  800V N-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N80C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQPF8N80C_09 Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 8Page - Fairchild Semiconductor FQPF8N80C_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
FQP8N80C/FQPF8N80C/FQPF8N80CYDTU Rev.A
4
Typical Characteristics (Continued)
Figure 9-1. Maximum Safe Operating Area
for FQP8N80C
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 9-2. Maximum Safe Operating Area
for FQPF8N80C
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [
]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS =0V
2. I
D =250
μ
A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 4.0 A
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limitedby R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature


Similar Part No. - FQPF8N80C_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF8N80C FAIRCHILD-FQPF8N80C Datasheet
906Kb / 10P
   800V N-Channel MOSFET
FQPF8N80C FAIRCHILD-FQPF8N80C Datasheet
1Mb / 10P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N80C ISC-FQPF8N80C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF8N80C_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com