Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF6N40CF Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQPF6N40CF
Description  400V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF6N40CF Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQPF6N40CF_12 Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 8Page - Fairchild Semiconductor FQPF6N40CF_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FQP6N40CF/FQPF6N40CF Rev.C0
Typical Performance Characteristics (Continued)
Figure 11-1. ransient Thermal Response Curve for FQP6N40CF
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* N o te s :
1 . Z
θ JC (t ) = 1 . 7 1
o C/W M a x .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC (t )
s ingle puls e
D= 0 .5
0.02
0.2
0.0 5
0.1
0.01
t
1 , S q u a r e W a v e P u l s e D u r a ti o n [s e c ]
t1
PDM
t2
Figure 11-2. Transient Thermal Response Curve for FQPF6N40CF
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* N o te s :
1 . Z
θ JC ( t ) = 3. 31
o C/W M a x .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC (t )
s ingle pu ls e
D= 0 .5
0.02
0.2
0.05
0.1
0.0 1
t
1 , S q u a r e W a v e P u l s e D u r a ti o n [s e c ]
t1
PDM
t2


Similar Part No. - FQPF6N40CF_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N40CF FAIRCHILD-FQPF6N40CF Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

Similar Description - FQPF6N40CF_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com