Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTP26030-22 Datasheet(PDF) 1 Page - RFHIC

Part # RTP26030-22
Description  The RTP26030-22 is designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP26030-22 Datasheet(HTML) 1 Page - RFHIC

  RTP26030-22 Datasheet HTML 1Page - RFHIC RTP26030-22 Datasheet HTML 2Page - RFHIC RTP26030-22 Datasheet HTML 3Page - RFHIC RTP26030-22 Datasheet HTML 4Page - RFHIC RTP26030-22 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
GaN-SiC Pallet Amplifier
RTP26030-22
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.1
Product Features
Application
• Doherty amplifier design
• GaN on SiC HEMT
• Small and light weight
• 50 Ohm Input/Output impedance matched
• Highly reliable and rugged design
• High efficiency, High Gain
• 30W typical PAVG, 2 path structure(2T)
• LTE, WiMAX DPD amplifier
• General purpose RF amplifier
Description
The RTP26030-22 is designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
This Pallet Amplifier uses GaN on SiC HEMT technology which performs high breakdown voltage, high linearity, high
efficiency. The RTP26030-22 is DPD application amplifier.
Electrical Specifications @ VDD=+48VDC, T=25
°C, 50Ω
System
PARAMETER
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
2496
-
2690
MHz
Output Power
PAVG
-
44.6
dBm
Instantaneous Bandwidth
SBW
20
30
MHz
Output Power @ Psat G.C.P
Psat
-
53.4
-
dBm
Small Signal Gain
SSG
50
55
-
dB
Small Signal Gain Flatness
ΔG
-
± 1.0
± 1.5
dB
Gain Variation
ΔGt
± 3.0
dB
ACLR @ LTE 10MHz 1FA※1
ACLR
-20
-25
dBc
ACLR with DPD
ACLR
-50
dBc
Forward Coupling Level
FC
9
10
11
dBm
Operating Voltage 1
VDC1
48
Volt
Operating Voltage 2
VDC2
5.6
Volt
TDD Operating Voltage
VTDD
5.0
Volt
TDD Transition time
STDD
0.8
1.2
uS
Chain Efficiency※2 @ Pout 28.8W
EC
-
41
-
%
Pallet Efficiency @ Pout 26.3W
EP
-
37
-
%
※1 Test Signal Condition: LTE 10MHz 1FA(PAR 7.5dB), Test DPD solution: Optichron DPD(OP6180)
※2 Chain Efficiency is an entire operating transistor efficiency excluded isolator and coupler.
Environmental Characteristics
PARAMETER
Symbol
Min
Typ
Max
Unit
Operating Temperature
Tc
-40
-
+60
°C
Storage Temperature
Ts
-45
-
+90
°C


Similar Part No. - RTP26030-22

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26010-10 RFHIC-RTP26010-10 Datasheet
115Kb / 2P
   GaN-SiC Pallet Amplifier
RTP26010-12 RFHIC-RTP26010-12 Datasheet
444Kb / 6P
   RTP26010-12 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26010-N1 RFHIC-RTP26010-N1 Datasheet
173Kb / 4P
   The RTP26010-N1 is designed for RF system application frequencies from 2570MHz to 2690MHz, with high gain.
RTP26010-S0 RFHIC-RTP26010-S0 Datasheet
393Kb / 3P
   GaN-SiC Pallet Amplifier
RTP26020-10 RFHIC-RTP26020-10 Datasheet
114Kb / 2P
   GaN-SiC Pallet Amplifier
More results

Similar Description - RTP26030-22

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26010-12 RFHIC-RTP26010-12 Datasheet
444Kb / 6P
   RTP26010-12 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26020-D1 RFHIC-RTP26020-D1 Datasheet
327Kb / 5P
   RTP26020-D1 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26070-20 RFHIC-RTP26070-20 Datasheet
286Kb / 4P
   The RTP26070-20 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP26010-N1 RFHIC-RTP26010-N1 Datasheet
173Kb / 4P
   The RTP26010-N1 is designed for RF system application frequencies from 2570MHz to 2690MHz, with high gain.
RTP26050-10 RFHIC-RTP26050-10 Datasheet
222Kb / 4P
   The RTP26050-10 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP21070-20 RFHIC-RTP21070-20 Datasheet
411Kb / 6P
   The RTP21070-20 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP18050-S1 RFHIC-RTP18050-S1 Datasheet
224Kb / 4P
   The RTP18050-S1 is designed for RF system application frequencies from 1830MHz to 1860MHz, with high gain.
RTP21050-10 RFHIC-RTP21050-10 Datasheet
262Kb / 5P
   The RTP21050-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP07050-10 RFHIC-RTP07050-10 Datasheet
665Kb / 8P
   The RTP07050-10 is designed for RF system application frequencies from 746MHz to 780MHz, with high gain.
RTP08016-10 RFHIC-RTP08016-10 Datasheet
1Mb / 6P
   The RTP08016-10 is designed for RF system application frequencies from 860MHz to 890MHz, with high gain.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com