Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTP26010-N1 Datasheet(PDF) 1 Page - RFHIC

Part # RTP26010-N1
Description  The RTP26010-N1 is designed for RF system application frequencies from 2570MHz to 2690MHz, with high gain.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP26010-N1 Datasheet(HTML) 1 Page - RFHIC

  RTP26010-N1 Datasheet HTML 1Page - RFHIC RTP26010-N1 Datasheet HTML 2Page - RFHIC RTP26010-N1 Datasheet HTML 3Page - RFHIC RTP26010-N1 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y
G
Ga
aN
N--S
SiiC
C P
Pa
alllle
ett A
Am
mp
plliiffiie
er
r
R
RT
TP
P2
26
60
01
10
0--N
N1
1
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.1
Product Features
Application
• Doherty amplifier design
• GaN on SiC HEMT
• Small and light weight
• 50 Ohm Input/Output impedance matched
• Highly reliable and rugged design
• High efficiency
• 10W, 12W typical PAVG
• WCDMA, LTE DPD amplifier
• General purpose RF amplifier
Description
The RTP26010-N1 is designed for RF system application frequencies from 2570MHz to 2690MHz, with high gain.
This Pallet Amplifier uses GaN on SiC HEMT technology which performs high breakdown voltage, high linearity, high
efficiency. The RTP26010-N1 is DPD application amplifier.
Electrical Specifications @ VDD=+28VDC, T=25
°C, 50Ω
System
PARAMETER
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
2570
-
2690
MHz
Output Power
PAVG
-
10
12
Watt
Output Power @ Psat G.C.P
Psat
-
47.5
-
Watt
Small Signal Gain
SSG
-
40
-
dB
Small Signal Gain Flatness
ΔG
-
± 1.0
± 2
dB
Gain Variation
ΔGt
± 3.0
-
dB
ACLR @ WCDMA 20MHz 4FA
ACLR
-25
-30
-
dBr
ACLR with DPD
ACLR
-
-50
-
dBr
Forward Coupling
FC
-
-30
-
dB
Operating Voltage
VDC
-
28
-
Volt
Efficiency @ Pout 10Watt WCDMA
E
-
38
-
%
Efficiency @ Pout 12Watt LTE
E
-
40
-
%
※ Test Signal Condition: WCDMA 20MHz 4FA (PAR 7.5dB), LTE 10MHz 1FA (PAR 6.5dB), Test DPD solution : Opticron DPD
Environmental Characteristics
PARAMETER
Symbol
Min
Typ
Max
Unit
Operating Temperature
Tc
-30
-
+60
°C
Storage Temperature
Ts
-40
-
+90
°C
Mechanical Specifications
PARAMETER
Value
Units
Limits
Dimensions ( L x W x H )
100 x 50 x 20
mm
Max
Weight
170
g
Typical
RF Connectors In/Out/Coupling
MCX / SMA / MCX Female
DC Connectors / Controls
5267-04
Cooling
External Heat sink + airflow


Similar Part No. - RTP26010-N1

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26010-10 RFHIC-RTP26010-10 Datasheet
115Kb / 2P
   GaN-SiC Pallet Amplifier
RTP26010-12 RFHIC-RTP26010-12 Datasheet
444Kb / 6P
   RTP26010-12 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26010-S0 RFHIC-RTP26010-S0 Datasheet
393Kb / 3P
   GaN-SiC Pallet Amplifier
More results

Similar Description - RTP26010-N1

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26010-12 RFHIC-RTP26010-12 Datasheet
444Kb / 6P
   RTP26010-12 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26070-20 RFHIC-RTP26070-20 Datasheet
286Kb / 4P
   The RTP26070-20 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP26030-22 RFHIC-RTP26030-22 Datasheet
422Kb / 5P
   The RTP26030-22 is designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26050-10 RFHIC-RTP26050-10 Datasheet
222Kb / 4P
   The RTP26050-10 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP26020-D1 RFHIC-RTP26020-D1 Datasheet
327Kb / 5P
   RTP26020-D1 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP21070-20 RFHIC-RTP21070-20 Datasheet
411Kb / 6P
   The RTP21070-20 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP18050-S1 RFHIC-RTP18050-S1 Datasheet
224Kb / 4P
   The RTP18050-S1 is designed for RF system application frequencies from 1830MHz to 1860MHz, with high gain.
RTP21050-10 RFHIC-RTP21050-10 Datasheet
262Kb / 5P
   The RTP21050-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP07050-10 RFHIC-RTP07050-10 Datasheet
665Kb / 8P
   The RTP07050-10 is designed for RF system application frequencies from 746MHz to 780MHz, with high gain.
RTP08016-10 RFHIC-RTP08016-10 Datasheet
1Mb / 6P
   The RTP08016-10 is designed for RF system application frequencies from 860MHz to 890MHz, with high gain.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com