Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD4N20 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQD4N20
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD4N20 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQD4N20_09 Datasheet HTML 1Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 2Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 3Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 4Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 5Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 6Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 7Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 8Page - Fairchild Semiconductor FQD4N20_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
 
 
 
   
    

    !" # $%#&##'( # 
)*+#,-./0.0Ω, 1 
-2/3../3µ 0401 
"  !"  ..µ 5%(%(  6
7 %   8   # 


 





C*
 C<* 
*,(*5,)2(µ%
)((


*
∆C*
$∆
C<* 
 
5,)2(µ%+ )26

( ).

*$6
5
D9* 
*,)((**,(*


-
µ%
*,-E(*,-)26


-(
µ%
5
9C0<
*,'(**,(*


-((
%
5
9C0<+!
*,'(**,(*


-((
%
 
*
9 * 
*,*5,)2(µ%
' (

2 (
*
+
  
+ 
*,-(*5,- 2%

- -)
- .

   
*,.(*5,- 2%

- A2


 

5  
*,)2**,(*
,- (F#


-B(
))(


  

'2
.2


+!  

2
B

   

 
*,-((*5,' E%
+,)2Ω


B
)2


+

2(
--(


 

B
)2


 

)2
E(

G
 9
*,-E(*5,' E%
*,-(*


2 (
E 2

G
9 

- .


G
9

) -


     
5
@ 


' (
%
5
@8  


-)
%
*
 * 
*,(*5,' (%


- 2
*

+!+ !
*,(*5,' E%
5$,-((%$µ

7(


G
+!+ !

( ).

µ
©2009 Fairchild Semiconductor Internati
Rev. A2, January 2009


Similar Part No. - FQD4N20_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
519Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20LTF FAIRCHILD-FQD4N20LTF Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
More results

Similar Description - FQD4N20_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com